công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT245DWR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
SN74ACT245DWR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 33 page SN54ACT245, SN74ACT245 OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCAS452E – SEPTEMBER 1994 – REVISED OCTOBER 2002 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C SN54ACT245 SN74ACT245 UNIT PARAMETER (INPUT) (OUTPUT) MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB BorA 1 4 7.5 1 9 1.5 8 ns tPHL A or B B or A 1 4 8 1 10 1 9 ns tPZH OE AorB 1 5 10 1 12 1.5 11 ns tPZL OE A or B 1 5.5 10 1 13 1.5 12 ns tPHZ OE AorB 1 5.5 10 1 12 1 11 ns tPLZ OE A or B 1 5 10 1 12 1.5 11 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance CL = 50 pF, f = 1 MHz 45 pF PARAMETER MEASUREMENT INFORMATION LOAD CIRCUIT tPLH tPHL 3 V 0 V 50% VCC 50% VCC VOH VOL Input Output VOLTAGE WAVEFORMS From Output Under Test CL = 50 pF (see Note A) S1 2 × VCC 500 Ω 500 Ω Open tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC Open TEST S1 Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at Open (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ ≈VCC 0 V 50% VCC VOL + 0.3 V 50% VCC ≈0 V VOLTAGE WAVEFORMS VOH – 0.3 V 3 V 1.5 V 1.5 V 1.5 V 1.5 V NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Số phần tương tự - SN74ACT245DWR |
|
Mô tả tương tự - SN74ACT245DWR |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |