công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C40TABS50/10 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SM320C40TABS50/10
Giải thích chi tiết về linh kiện  DIGITAL SIGNAL PROCESSORS
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C40TABS50/10 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SM320C40TABS50/10 Datasheet HTML 1Page - Texas Instruments SM320C40TABS50/10 Datasheet HTML 2Page - Texas Instruments SM320C40TABS50/10 Datasheet HTML 3Page - Texas Instruments SM320C40TABS50/10 Datasheet HTML 4Page - Texas Instruments SM320C40TABS50/10 Datasheet HTML 5Page - Texas Instruments SM320C40TABS50/10 Datasheet HTML 6Page - Texas Instruments SM320C40TABS50/10 Datasheet HTML 7Page - Texas Instruments SM320C40TABS50/10 Datasheet HTML 8Page - Texas Instruments SM320C40TABS50/10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H -- OCTOBER 1993 -- REVISED OCTOBER 2001
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
communication ports
(continued)
D
Separate 8-word-deep input and output FIFO buffers for processor-to-processor communication and I/O
D
Automatic arbitration and handshaking for direct processor-to-processor connection
communication-port software reset (C40 silicon revision ≥ 5.0)
The input and output FIFO levels for a communication port can be flushed by writing at least two back-to-back
values to its communication-port software-reset address as specified in Table 1. This feature is not present in
C40 silicon revision < 5.0. This software reset flushes any word or byte already present in the FIFOs but it does
not affect the status of the communication-port pins. Figure 1 shows an example of
communication-port-software reset.
Table 1. Communication-Port Software-Reset Address
0
0x0100043
1
0x0100053
2
0x0100063
3
0x0100073
4
0x0100083
5
0x0100093
; -------------------------------------------------;
; RESET1:Flush’s FIFO data for communication port 1;
; -------------------------------------------------;
RESET1 push
AR0
; Save registers
push
R0
;
push
RC
;
ldhi
010h,AR0
; Set AR0 to base address of COM 1
or
050h,AR0
;
flush: rpts
1
; Flush FIFO data with back-to-back write
sti
R0,*+AR0(3)
;
rpts
10
; Wait
nop
;
ldi
*+AR0(0),R0
; Check for new data from other port
and
01FE0h,R0
;
bnz
flush
;
pop
RC
; Restore registers
pop
R0
;
pop
AR0
;
rets
; Return
Figure 1. Example of Communication-Port-Software Reset


Số phần tương tự - SM320C40TABS50/10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C40TABS50/10 TI-SM320C40TABS50/10 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Mô tả tương tự - SM320C40TABS50/10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com