công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320C31HFGM40 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SM320C31HFGM40
Giải thích chi tiết về linh kiện  DIGITAL SIGNAL PROCESSORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C31HFGM40 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SM320C31HFGM40 Datasheet HTML 4Page - Texas Instruments SM320C31HFGM40 Datasheet HTML 5Page - Texas Instruments SM320C31HFGM40 Datasheet HTML 6Page - Texas Instruments SM320C31HFGM40 Datasheet HTML 7Page - Texas Instruments SM320C31HFGM40 Datasheet HTML 8Page - Texas Instruments SM320C31HFGM40 Datasheet HTML 9Page - Texas Instruments SM320C31HFGM40 Datasheet HTML 10Page - Texas Instruments SM320C31HFGM40 Datasheet HTML 11Page - Texas Instruments SM320C31HFGM40 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
CONDITIONS
WHEN
NAME
QTY
TYPE†
DESCRIPTION
WHEN
SIGNAL IS Z TYPE‡
SUPPLY AND OSCILLATOR SIGNALS
H1
1
O/Z
External H1 clock. H1 has a period equal to twice CLKIN.
S
H3
1
O/Z
External H3 clock. H3 has a period equal to twice CLKIN.
S
VDD
20
I
5-V supply for ’C31 devices and 3.3-V supply for ’LC31 devices. All must be
connected to a common supply plane.§
VSS
25
I
Ground. All grounds must be connected to a common ground plane.
X1
1
O
Output from the internal-crystal oscillator. If a crystal is not used, X1 should be left
unconnected.
X2 / CLKIN
1
I
Internal-oscillator input from a crystal or a clock
RESERVED¶
EMU2 − EMU0
3
I
Reserved for emulation. Use pullup resistors to VDD
EMU3
1
O/Z
Reserved for emulation
S
† I = input, O = output, Z = high-impedance state
‡ S = SHZ active, H = HOLD active, R = RESET active
§ Recommended decoupling capacitor value is 0.1 µF.
¶ Follow the connections specified for the reserved pins. Use 18-kΩ−22-kΩ pullup resistors for best results. All VDD supply pins must be connected
to a common supply plane, and all ground pins must be connected to a common ground plane.
Not Recommended for New Designs


Số phần tương tự - SM320C31HFGM40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320C31HFGM40 TI-SM320C31HFGM40 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31HFGM40 TI1-SM320C31HFGM40 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Mô tả tương tự - SM320C31HFGM40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com