công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM139AWG/883 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM139AWG/883
Giải thích chi tiết về linh kiện  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM139AWG/883 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM139AWG/883 Datasheet HTML 1Page - Texas Instruments LM139AWG/883 Datasheet HTML 2Page - Texas Instruments LM139AWG/883 Datasheet HTML 3Page - Texas Instruments LM139AWG/883 Datasheet HTML 4Page - Texas Instruments LM139AWG/883 Datasheet HTML 5Page - Texas Instruments LM139AWG/883 Datasheet HTML 6Page - Texas Instruments LM139AWG/883 Datasheet HTML 7Page - Texas Instruments LM139AWG/883 Datasheet HTML 8Page - Texas Instruments LM139AWG/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM139AQML, LM139QML
www.ti.com
SNOSAH8G – FEBRUARY 2005 – REVISED MARCH 2013
LM133 883 Electrical Characteristics DC Parameters (continued)
The following conditions apply, unless otherwise specified. +V = 5V, VCM = 0V
Symbol
Parameters
Conditions
Sub-
Notes
Min
Max
Unit
groups
VCM
Common Mode Voltage Range
+V = 30V
V+ -
See(2)
0
V
1
(1.5)
V+ -
See(2)
0
V
2, 3
(2.0)
VDiff
Differential Input Voltage
+V = 30V, -V = 0V, +VI = 36V, -VI =
See(3)
500
nA
1, 2, 3
0V
+V = 30V, -V = 0V, +VI = 0V, -VI =
See(3)
500
nA
1, 2, 3
36V
(2)
Parameter ensured by VIO tests
(3)
The value for VDiff is not data logged during Read and Record.
LM139
883 Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified. +V = 5V
Symbol
Parameters
Conditions
Sub-
Notes
Min
Max
Unit
groups
tRLH
Response Time
VOD = 5mV
5.0
µS
9
VOD = 50mV
0.8
µS
9
tRHL
Response Time
VOD = 5mV
2.5
µS
9
VOD = 50mV
0.8
µS
9
LM139A
SMD 5962–8773901 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. +V = 5V, VCM = 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Unit
groups
ICC
Supply Current
+V = 30V, RL = Infinity
3.0
mA
1, 2, 3
RL = Infinity
3.0
mA
1, 2, 3
ICEX
Output Leakage Current
+V = 30V, -VI = 0V, +VI ≥ 1V, VO =
0.5
µA
1
30V
1.0
µA
2, 3
VSat
Saturation Voltage
ISink ≤ 4mA, -VI = 1V, +VI = 0V
400
mV
1
700
mV
2, 3
ISink
Output Sink Current
VO ≥ 1.5V, -VI = 1V, +VI = 0V
6.0
mA
1
VIO
Input Offset Voltage
RS = 0Ω
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
+V = 30V, RS = 0Ω
-2.0
2.0
mV
1
-4.0
4.0
mV
2, 3
+V = 30V, VCM = 28V, VO = 1.4V,
-2.0
2.0
mV
1
RS = 0Ω
-4.0
4.0
mV
2, 3
±IIB
Input Bias Current
VO = 1.5V
See(1)
-100
-1.0
nA
1
See(1)
-300
-1.0
nA
2, 3
IIO
Input Offset Current
VO = 1.5V
-25
25
nA
1
-100
100
nA
2, 3
PSRR
Power Supply Rejection Ratio
+V = 5V to 30V
70
dB
1, 2, 3
CMRR
Common Mode Rejection Ratio
+V = 30V, VCM = 0V to 28V, RL
70
dB
1, 2, 3
15K
AV
Voltage Gain
+V = 15V, RL ≥ 15KΩ, VO = 1V to
50
V/mV
4
11V
25
V/mV
5, 6
(1)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM139AQML LM139QML


Số phần tương tự - LM139AWG/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM139AWG/883 NSC-LM139AWG/883 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM139AWG/883 NSC-LM139AWG/883 Datasheet
510Kb / 24P
   Low Power Low Offset Voltage Quad Comparators
More results

Mô tả tương tự - LM139AWG/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com