công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1972 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM1972
Giải thích chi tiết về linh kiện  2-Channel 78dB Audio Attenuator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM1972_16 Datasheet HTML 1Page - Texas Instruments LM1972_16 Datasheet HTML 2Page - Texas Instruments LM1972_16 Datasheet HTML 3Page - Texas Instruments LM1972_16 Datasheet HTML 4Page - Texas Instruments LM1972_16 Datasheet HTML 5Page - Texas Instruments LM1972_16 Datasheet HTML 6Page - Texas Instruments LM1972_16 Datasheet HTML 7Page - Texas Instruments LM1972_16 Datasheet HTML 8Page - Texas Instruments LM1972_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM1972
SNAS094D – APRIL 1995 – REVISED MARCH 2013
www.ti.com
Timing Diagram
Figure 3. Timing Diagram
PIN DESCRIPTIONS
Signal Ground (3, 19): Each input has its own independent ground, GND1 and GND2.
Signal Input (4, 20): There are 2 independent signal inputs, IN1 and IN2.
Signal Output (2, 17): There are 2 independent signal outputs, OUT1 and OUT2.
Voltage Supply (13, 15): Positive voltage supply pins, VDD1 and VDD2.
Voltage Supply (7, 18): Negative voltage supply pins, VSS1 and VSS2. To be tied to ground in a single supply
configuration.
AC Ground (1, 5, 6, 14, 16): These five pins are not physically connected to the die in any way (i.e., No
bondwires). These pins must be AC grounded to prevent signal coupling between any of the pins nearby.
Pin 14 should be connected to pins 13 and 15 for ease of wiring and the best isolation, as an example.
Logic Ground (8): Digital signal ground for the interface lines; CLOCK, LOAD/SHIFT, DATA-IN and DATA-OUT.
Clock (9): The clock input accepts a TTL or CMOS level signal. The clock input is used to load data into the
internal shift register on the rising edge of the input clock waveform.
Load/Shift (10): The load/shift input accepts a TTL or CMOS level signal. This is the enable pin of the device,
allowing data to be clocked in while this input is low (0V).
Data-In (11): The data-in input accepts a TTL or CMOS level signal. This pin is used to accept serial data from
a microcontroller that will be latched and decoded to change a channel's attenuation level.
Data-Out (12): This pin is used in daisy-chain mode where more than one
μPot is controlled via the same data
line. As the data is clocked into the chain from the
μC, the preceding data in the shift register is shifted out
the DATA-OUT pin to the next
μPot in the chain or to ground if it is the last μPot in the chain. The
LOAD/SHIFT line goes high once all of the new data has been shifted into each of its respective registers.
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1972


Số phần tương tự - LM1972_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
More results

Mô tả tương tự - LM1972_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
logo
List of Unclassifed Man...
CS8563S ETC2-CS8563S Datasheet
1Mb / 12P
   2-Channel Audio Amplifier
logo
Texas Instruments
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
[Old version datasheet]   Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Princeton Technology Co...
PT2315 PTC-PT2315 Datasheet
242Kb / 3P
   2-Channel Audio Processor IC?
logo
Pan Jit International I...
PT2315A PANJIT-PT2315A Datasheet
396Kb / 22P
   2-Channel Audio Processor IC
logo
Realtek Semiconductor C...
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com