công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM117KRQMLV bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM117KRQMLV
Giải thích chi tiết về linh kiện  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM117KRQMLV bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM117KRQMLV Datasheet HTML 3Page - Texas Instruments LM117KRQMLV Datasheet HTML 4Page - Texas Instruments LM117KRQMLV Datasheet HTML 5Page - Texas Instruments LM117KRQMLV Datasheet HTML 6Page - Texas Instruments LM117KRQMLV Datasheet HTML 7Page - Texas Instruments LM117KRQMLV Datasheet HTML 8Page - Texas Instruments LM117KRQMLV Datasheet HTML 9Page - Texas Instruments LM117KRQMLV Datasheet HTML 10Page - Texas Instruments LM117KRQMLV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LM117QML, LM117QML-SP
www.ti.com
SNVS356D – MARCH 2006 – REVISED APRIL 2013
LM117K Electrical Characteristics
DC Parameters (continued)
The following conditions apply, unless otherwise specified.VDiff = (VI − VO), IL = 10mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VDiff = 3V,
-5.0
5.0
µA
1
IL = 10mA to 1.5A
VDiff = 3.3V,
-5.0
5.0
µA
2, 3
IL = 10mA to 1.5A
ΔIAdj / Load
Adjustment Current Change
VDiff = 40V,
-5.0
5.0
µA
1
IL = 10mA to 300mA
VDiff = 40V,
-5.0
5.0
µA
2, 3
IL = 10mA to 195mA
3V
≤ VDiff ≤ 40V
-5.0
5.0
µA
1
ΔIAdj / Line
Adjustment Current Change
3.3V
≤ VDiff ≤ 40V
-5.0
5.0
µA
2, 3
IOS
Short Circuit Current
VDiff = 10V
1.6
3.4
A
1
TA = 25°C, t = 20mS,
θR
Thermal Regulation
-10.5
10.5
mV
1
VDiff = 40V, IL = 300mA
VDiff ≤ 15V
See(1)
1.5
A
1, 2, 3
ICL
Current Limit
VDiff = 40V
See(1)
0.3
A
1
(1)
Specified parameter, not tested.
LM117K Electrical Characteristics
AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VI = +6.25V, VO = VRef,
RR
Ripple Rejection
ƒ= 120Hz, eI = 1VRMS,
See(1)
66
dB
4, 5, 6
IL = 0.5A
(1)
Tested @ 25°C; specified, but not tested @ 125°C &
−55°C
LM117E Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
VDiff = (VI − VO), IL = 8mA, PD ≤ 1.5W
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VDiff = 3V
100
µA
1
IAdj
Adjustment Pin Current
VDiff = 3.3V
100
µA
2, 3
VDiff = 40V
100
µA
1, 2, 3
VDiff = 3V, VO = 1.7V
5.0
mA
1
IQ
Minimum Load Current
VDiff = 3.3V, VO = 1.7V
5.0
mA
2, 3
VDiff = 40V, VO = 1.7V
5.0
mA
1, 2, 3
VDiff = 3V
1.2
1.3
V
1
VRef
Reference Voltage
VDiff = 3.3V
1.2
1.3
V
2, 3
VDiff = 40V
1.2
1.3
V
1, 2, 3
3V
≤ VDiff ≤ 40V,
-8.9
8.9
mV
1
VO = 1.2V
VRLine
Line Regulation
3.3V
≤ VDiff ≤ 40V,
-22.2
22.2
mV
2, 3
VO = 1.2V
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM117QML LM117QML-SP


Số phần tương tự - LM117KRQMLV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM117KRQMLV TI1-LM117KRQMLV Datasheet
975Kb / 30P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
LM117KRQMLV TI-LM117KRQMLV Datasheet
4Mb / 35P
[Old version datasheet]   LM117QML-SP RHA 4.25-V to 41.25-V 3-Terminal Adjustable Regulator
More results

Mô tả tương tự - LM117KRQMLV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com