công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1770 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1770
Giải thích chi tiết về linh kiện  Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1770 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM1770 Datasheet HTML 1Page - Texas Instruments LM1770 Datasheet HTML 2Page - Texas Instruments LM1770 Datasheet HTML 3Page - Texas Instruments LM1770 Datasheet HTML 4Page - Texas Instruments LM1770 Datasheet HTML 5Page - Texas Instruments LM1770 Datasheet HTML 6Page - Texas Instruments LM1770 Datasheet HTML 7Page - Texas Instruments LM1770 Datasheet HTML 8Page - Texas Instruments LM1770 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FB
VIN
VIN
LM1770
VOUT
HG
LG
GND
LM1770
www.ti.com
SNVS403C – SEPTEMBER 2005 – REVISED APRIL 2013
LM1770 Low-Voltage SOT-23 Synchronous Buck Controller With No External
Compensation
Check for Samples: LM1770
1
FEATURES
DESCRIPTION
The
LM1770
is
an
efficient
synchronous
buck
2
Input Voltage Range of 2.8V to 5.5V
switching controller in a tiny SOT-23 package. The
0.8V Reference Voltage
constant on-time control scheme provides a simple
No Compensation Required
design free of compensation components, allowing
minimal component count and board space. It also
Constant Frequency Across Input Range
incorporates a unique input feed-forward to maintain
Low Quiescent Current of 400µA
a constant frequency independent of the input
Internal Soft-start
voltage. The LM1770 is optimized for a low voltage
input range of 2.8V to 5.5V and can provide an
Short Circuit Protection
adjustable output as low as 0.8V. Driving an external
5-Pin SOT-23 Package
high side PFET and low side NFET it can provide
efficiencies as high as 95%.
APPLICATIONS
Three
versions
of
the
LM1770
are
available
Simple To Design, High Efficiency Step Down
depending on the switching frequency desired for the
Switching Regulators
application. Nominal switching frequencies are in the
Set-Top Boxes
range of 100kHz to 1000kHz.
Cable Modems
Printers
Digital Video Recorders
Servers
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM1770

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1770 NSC-LM1770 Datasheet
687Kb / 14P
   SOT-23 Synchronous Buck Controller
LM1770SMF NSC-LM1770SMF Datasheet
687Kb / 14P
   SOT-23 Synchronous Buck Controller
LM1770SMFX NSC-LM1770SMFX Datasheet
687Kb / 14P
   SOT-23 Synchronous Buck Controller
LM1770TMF NSC-LM1770TMF Datasheet
687Kb / 14P
   SOT-23 Synchronous Buck Controller
LM1770TMFX NSC-LM1770TMFX Datasheet
687Kb / 14P
   SOT-23 Synchronous Buck Controller
More results

Mô tả tương tự - LM1770

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com