công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM117HMD8 bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
LM117HMD8 bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 37 page LM117QML, LM117QML-SP www.ti.com SNVS356D – MARCH 2006 – REVISED APRIL 2013 LM117H & LM117WG RH Electrical Characteristics AC/DC Post Radiation Limits @ +25°C (1) (2) Symbol Parameter Conditions Notes Min Max Unit Sub- groups VI = 4.25V, IL = -5mA 1.2 1.35 V 1 0 VI = 4.25V, IL = -500mA 1.2 1.35 V 1 0 VO Output Voltage VI = 41.25V, IL = -5mA 1.2 1.35 V 1 0 VI = 41.25V, IL = -50mA 1.2 1.35 V 1 0 4.25V ≤ VI ≤ 41.25V, VRLine Line Regulation -25 25 mV 1 IL = -5mA VI = 6.25V, IL = -125mA ΔVI / ΔVO Ripple Rejection 60 dB 4 EI = 1VRMS at f = 2400Hz VI = 4.25V, RL = 2.5Ω, 1.35 1.20 V 1 CL = 20µf 0 VO (Recov) Output Voltage Recovery VI = 40V, RL = 250Ω 1.35 1.20 V 1 0 (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the "Post Radiation Limits" table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019.5, Condition A. (2) Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no enhanced low dose rate sensitivity (ELDRS) effect. Copyright © 2006–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM117QML LM117QML-SP |
Số phần tương tự - LM117HMD8 |
|
Mô tả tương tự - LM117HMD8 |