công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM124A bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM124A
Giải thích chi tiết về linh kiện  Low Power Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM124A bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM124A Datasheet HTML 1Page - Texas Instruments LM124A Datasheet HTML 2Page - Texas Instruments LM124A Datasheet HTML 3Page - Texas Instruments LM124A Datasheet HTML 4Page - Texas Instruments LM124A Datasheet HTML 5Page - Texas Instruments LM124A Datasheet HTML 6Page - Texas Instruments LM124A Datasheet HTML 7Page - Texas Instruments LM124A Datasheet HTML 8Page - Texas Instruments LM124A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
OBSOLETE
LM124JAN
www.ti.com
SNOSAC4F – MARCH 2004 – REVISED APRIL 2013
Table 1. QUALITY CONFORMANCE INSPECTION(1)
Subgroup
Description
Temp (°C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
(1)
MIL-STD-883, Method 5005 — Group A
LM124 JAN DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB
GROUPS
VIO
Input Offset Voltage
VCC
+ = 30V, V
CC
-= Gnd,
-5.0
5.0
mV
1
VCM = +15V
-7.0
7.0
mV
2, 3
VCC
+ = 2V, V
CC
-= -28V,
-5.0
5.0
mV
1
VCM = -13V
-7.0
7.0
mV
2, 3
VCC
+ = 5V, V
CC
-= Gnd,
-5.0
5.0
mV
1
VCM = +1.4V
-7.0
7.0
mV
2, 3
VCC
+ = 2.5V, V
CC
-= -2.5V, V
CM = -1.1V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
IIO
Input Offset Current
VCC
+ = 30V, V
CC
-= Gnd,
-30
30
nA
1, 2
VCM = +15V
-75
75
nA
3
VCC
+ = 2V, V
CC
-= -28V,
-30
30
nA
1, 2
VCM = -13V
-75
75
nA
3
VCC
+ = 5V, V
CC
-= Gnd,
-30
30
nA
1, 2
VCM = +1.4V
-75
75
nA
3
VCC
+ = 2.5V, V
CC
-= -2.5V, V
CM = -1.1V
-30
30
nA
1, 2
-75
75
nA
3
±IIB
Input Bias Current
VCC
+ = 30V, V
CC
-= Gnd,
-150
+0.1
nA
1, 2
VCM = +15V
-300
+0.1
nA
3
VCC
+ = 2V, V
CC
-= -28V,
-150
+0.1
nA
1, 2
VCM = -13V
-300
+0.1
nA
3
VCC
+ = 5V, V
CC
-= Gnd,
-150
+0.1
nA
1, 2
VCM = +1.4V
-300
+0.1
nA
3
VCC
+ = 2.5V, V
CC
-= -2.5V, V
CM = -1.1V
-150
+0.1
nA
1, 2
-300
+0.1
nA
3
+PSRR
Power Supply Rejection Ratio
VCC
-= Gnd, V
CM = -1.4V,
-100
100
µV/V
1, 2, 3
5V
≤ VCC ≤ 30V
CMRR
Common Mode Rejection Ratio
See(1)
76
dB
1, 2, 3
IOS
+
Output Short Circuit Current
VCC
+ = 30V, V
CC
-= Gnd,
-70
mA
1, 2, 3
Vo = +25V
(1)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+
− 1.5V (at 25°C), but either or both inputs can go to +32V without damage
independent of the magnitude of V+.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM124JAN


Số phần tương tự - LM124A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
Texas Instruments
LM124A TI-LM124A Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM124A TI-LM124A Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124A TI-LM124A Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
logo
National Semiconductor ...
LM124A NSC-LM124A Datasheet
887Kb / 27P
   Low Power Quad Operational Amplifiers
More results

Mô tả tương tự - LM124A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com