công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM312 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM312
Giải thích chi tiết về linh kiện  Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM312 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM312 Datasheet HTML 1Page - Texas Instruments LM312 Datasheet HTML 2Page - Texas Instruments LM312 Datasheet HTML 3Page - Texas Instruments LM312 Datasheet HTML 4Page - Texas Instruments LM312 Datasheet HTML 5Page - Texas Instruments LM312 Datasheet HTML 6Page - Texas Instruments LM312 Datasheet HTML 7Page - Texas Instruments LM312 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required please contact the
National
Semiconductor
Sales
OfficeDistributors
for
availability
and
specifications
(Note 5)
LM112LM212
LM312
Supply Voltage
g
20V
g
18V
Power Dissipation (Note 1)
500 mW
500 mW
Differential Input Current (Note 2)
g
10 mA
g
10 mA
Input Voltage (Note 3)
g
15V
g
15V
Output Short-Circuit Duration
Continuous
Continuous
Operating Temperature Range
LM112
b
55 Cto a125 C0 Cto a70 C
LM212
b
25 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
300 C
ESD rating to be determined
Electrical Characteristics (Note 4)
Parameter
Conditions
LM112LM212
LM312
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA e 25 C
07
20
20
75
mV
Input Offset Current
TA e 25 C
005
02
02
1
nA
Input Bias Current
TA e 25 C
08
20
15
7
nA
Input Resistance
TA e 25 C30
70
10
40
MX
Supply Current
TA e 25 C
03
06
03
08
mA
Large Signal Voltage Gain
TA e 25 C VS e g15V
50
300
25
300
VmV
VOUT e g10V RL t 10 kX
Input Offset Voltage
30
10
mV
Average Temperature
Coefficient of Input
30
15
60
30
m
V C
Offset Voltage
Input Offset Current
04
15
nA
Average Temperature
Coefficient of Input
05
25
20
10
pA C
Offset Current
Input Bias Current
30
10
nA
Supply Current
TA e 125 C
015
04
mA
Large Signal Voltage Gain
VS e g15V VOUT e g10V
RL t 10 kX
25
15
VmV
Output Voltage Swing
VS e g15V RL e 10 kX
g
13
g
14
g
13
g
14
V
Input Voltage Range
VS e g15V
g
135
g
14
V
Common-Mode Rejection Ratio
85
100
80
100
dB
Supply Voltage Rejection Ratio
80
96
80
96
dB
Note 1
The maximum junction temperature of the LM112 is 150 C LM212 is 100 C and LM312 is 85 C For operating at elevated temperatures devices in the H08
package must be derated based on a thermal resistance of 160 CW junction to ambient or 20 CW junction to case
Note 2
The inputs are shunted with shunt diodes for overvoltage protection Therefore excessive current will flow if a differential input voltage in excess of 1V is
applied between the inputs unless some limiting resistance is used
Note 3
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 4
These specifications apply for g5V s VS s g20V and b55 C s TA s a125 C (LM112) b25 C s TA s a85 C (LM212) g5V s VS s g15V and
0 C s TA s a70 C (LM312) unless otherwise noted
Note 5
Refer to RETS112X for LM112H military specifications
2


Số phần tương tự - LM312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM312 TI-LM312 Datasheet
451Kb / 3P
[Old version datasheet]   OPERATIONAL AMPLIFIERS/BUFFERS
logo
Connor-Winfield Corpora...
LM312-155.52M CONNOR-WINFIELD-LM312-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Shenzhen TOPWAY Technol...
LM3121 TOPWAY-LM3121 Datasheet
586Kb / 9P
   LCD Module User Manual
LM3121B TOPWAY-LM3121B Datasheet
589Kb / 9P
   LCD Module User Manual
LM3122ACW TOPWAY-LM3122ACW Datasheet
339Kb / 9P
   LCD Module User Manual
More results

Mô tả tương tự - LM312

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com