công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20BIM7 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM20BIM7
Giải thích chi tiết về linh kiện  DSBGA Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20BIM7 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM20BIM7 Datasheet HTML 1Page - Texas Instruments LM20BIM7 Datasheet HTML 2Page - Texas Instruments LM20BIM7 Datasheet HTML 3Page - Texas Instruments LM20BIM7 Datasheet HTML 4Page - Texas Instruments LM20BIM7 Datasheet HTML 5Page - Texas Instruments LM20BIM7 Datasheet HTML 6Page - Texas Instruments LM20BIM7 Datasheet HTML 7Page - Texas Instruments LM20BIM7 Datasheet HTML 8Page - Texas Instruments LM20BIM7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM20
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
LM20 2.4-V, 10-µA, SC70, DSBGA Temperature Sensor
1 Features
3 Description
The LM20 is a precision analog output CMOS
1
Rated for
−55°C to 130°C Range
integrated-circuit temperature sensor that operates
Available in SC70 and DSBGA Package
over
−55°C to 130°C. The power supply operating
Predictable Curvature Error
range is 2.4 V to 5.5 V. The transfer function of LM20
is predominately linear, yet has a slight predictable
Suitable for Remote Applications
parabolic curvature. The accuracy of the LM20 when
Accuracy at 30°C ±1.5 to ±4°C (Maximum)
specified to a parabolic transfer function is ±1.5°C at
Accuracy at 130°C and
−55°C ±2.5 to ±5°C
an ambient temperature of 30°C. The temperature
(Maximum)
error increases linearly and reaches a maximum of
±2.5°C at the temperature range extremes. The
Power Supply Voltage Range 2.4 V to 5.5 V
temperature range is affected by the power supply
Current Drain 10
μA (Maximum)
voltage. At a power supply voltage of 2.7 V to 5.5 V,
Nonlinearity ±0.4% (Typical)
the temperature range extremes are 130°C and
Output Impedance 160
Ω (Maximum)
−55°C. Decreasing the power supply voltage to 2.4 V
changes the negative extreme to
−30°C, while the
Load Regulation
positive extreme remains at 130°C.
0
μA < IL< 16 μA −2.5 mV (Maximum)
The LM20 quiescent current is less than 10
μA.
2 Applications
Therefore, self-heating is less than 0.02°C in still air.
Shutdown capability for the LM20 is intrinsic because
Cellular Phones
its inherent low power consumption allows it to be
Computers
powered directly from the output of many logic gates
or does not necessitate shutdown.
Power Supply Modules
Battery Management
Device Information(1)
FAX Machines
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Printers
SC70 (5)
2.00 mm × 1.25 mm
LM20
HVAC
DSBGA (4)
0.96 mm × 0.96 mm
Disk Drives
(1) For all available packages, see the orderable addendum at
Appliances
the end of the data sheet.
Simplified Schematic
Output Voltage vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM20BIM7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20BIM7 NSC-LM20BIM7 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20BIM7 NSC-LM20BIM7 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20BIM7 TI1-LM20BIM7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20BIM7EP NSC-LM20BIM7EP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
LM20BIM7X NSC-LM20BIM7X Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
More results

Mô tả tương tự - LM20BIM7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com