công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20BIMDC bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM20BIMDC
Giải thích chi tiết về linh kiện  DSBGA Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20BIMDC bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM20BIMDC Datasheet HTML 7Page - Texas Instruments LM20BIMDC Datasheet HTML 8Page - Texas Instruments LM20BIMDC Datasheet HTML 9Page - Texas Instruments LM20BIMDC Datasheet HTML 10Page - Texas Instruments LM20BIMDC Datasheet HTML 11Page - Texas Instruments LM20BIMDC Datasheet HTML 12Page - Texas Instruments LM20BIMDC Datasheet HTML 13Page - Texas Instruments LM20BIMDC Datasheet HTML 14Page - Texas Instruments LM20BIMDC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM20
www.ti.com
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
Figure 4. LM20 With Filter for Noisy Environment and Capacitive Loading Greater Than 300 pF
NOTE
Either placement of resistor, as shown in Figure 3 and Figure 4, is just as effective.
8.1.2 LM20 DSBGA Light Sensitivity
Exposing the LM20 DSBGA package to bright sunlight may cause the output reading of the LM20 to drop by
1.5 V. In a normal office environment of fluorescent lighting the output voltage is minimally affected (less than a
millivolt drop). In either case, TI recommends that the LM20 DSBGA be placed inside an enclosure of some type
that minimizes its light exposure. Most chassis provide more than ample protection. The LM20 does not sustain
permanent damage from light exposure. Removing the light source will cause the output voltage of the LM20 to
recover to the proper value.
8.2 Typical Applications
8.2.1 Full-Range Celsius (Centigrade) Temperature Sensor (
−55°C to 130°C) Operating from a Single Li-
Ion Battery Cell
The LM20 has a very low supply current and a wide supply range; therefore, it can easily be driven by a battery
as shown in Figure 5.
Figure 5. Full-Range Celsius (Centigrade) Temperature Sensor (
−55°C To 130°C) Operating from a Single
Li-Ion Battery Cell
8.2.1.1 Design Requirements
Because the LM20 is a simple temperature sensor that provides an analog output, design requirements related
to layout are more important than electrical requirements. Refer to the Layout section for a detailed description.
8.2.1.2 Detailed Design Procedure
The LM20 transfer function can be described in different ways with varying levels of precision. A simple linear
transfer function with good accuracy near 25°C is:
VO = −11.69 mV/°C × T + 1.8663 V
(4)
Over the full operating temperature range of
−55°C to 130°C, best accuracy can be obtained by using the
parabolic transfer function.
VO = (−3.88×10
−6×T2) + (−1.15×10−2×T) + 1.8639
(5)
Solving Equation 5 for T:
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20


Số phần tương tự - LM20BIMDC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20BIM7 NSC-LM20BIM7 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20BIM7 NSC-LM20BIM7 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20BIM7 TI1-LM20BIM7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20BIM7EP NSC-LM20BIM7EP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
LM20BIM7X NSC-LM20BIM7X Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
More results

Mô tả tương tự - LM20BIMDC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com