công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM12L458 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM12L458
Giải thích chi tiết về linh kiện  12-Bit Sign Data Acquisition System with Self-Calibration
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM12L458 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM12L458_16 Datasheet HTML 1Page - Texas Instruments LM12L458_16 Datasheet HTML 2Page - Texas Instruments LM12L458_16 Datasheet HTML 3Page - Texas Instruments LM12L458_16 Datasheet HTML 4Page - Texas Instruments LM12L458_16 Datasheet HTML 5Page - Texas Instruments LM12L458_16 Datasheet HTML 6Page - Texas Instruments LM12L458_16 Datasheet HTML 7Page - Texas Instruments LM12L458_16 Datasheet HTML 8Page - Texas Instruments LM12L458_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM12L458
www.ti.com
SNAS085B – JULY 1999 – REVISED MARCH 2013
LM12L458 12-Bit + Sign Data Acquisition System with Self-Calibration
Check for Samples: LM12L458
1
FEATURES
DESCRIPTION
The LM12L458 is a highly integrated 3.3V Data
2
Three Operating Modes: 12-Bit + Sign, 8-Bit +
Acquisition System. It combines a fully-differential
Sign, and “Watchdog”
self-calibrating (correcting linearity and zero errors)
Single-Ended or Differential Inputs
13-bit (12-bit + sign) analog-to-digital converter (ADC)
Built-In Sample-and-Hold
and sample-and-hold (S/H) with extensive analog
functions
and
digital
functionality.
Up
to
32
Instruction RAM and Event Sequencer
consecutive conversions, using two's complement
8-Channel Multiplexer
format, can be stored in an internal 32-word (16-bit
32-Word Conversion FIFO
wide) FIFO data buffer. An internal 8-word RAM can
store the conversion sequence for up to eight
Programmable Acquisition Times and
acquisitions
through
the
LM12L458's
eight-input
Conversion Rates
multiplexer. The LM12L458 can also operate with 8-
Self-Calibration and Diagnostic Mode
bit + sign resolution and in a supervisory “watchdog”
8- or 16-Bit Wide Data Bus Microprocessor or
mode that compares an input signal against two
DSP Interface
programmable limits. Programmable acquisition times
and conversion rates are possible through the use of
CMOS Compatible I/O
internal clock-driven timers.
APPLICATIONS
All registers, RAM, and FIFO are directly addressable
through the high speed microprocessor interface to
Data Logging
either an 8-bit or 16-bit data bus. The LM12L458
Process Control
includes a direct memory access (DMA) interface for
high-speed conversion data transfer.
Energy Management
Medical Instrumentation
Additional applications information can be found in
applications
notes
AN-906
(JAJA265),
AN-947
KEY SPECIFICATIONS
(SNAA012), and AN-949 (SNAA013).
(fCLK = 6 MHz)
Resolution: 12-Bit + Sign or 8-Bit + Sign
Single Supply: +3 to +5.5 V
13-bit Conversion Time: 7.3
μs
9-bit Conversion Time: 3.5
μs
13-bit Through-Put Rate: 106 k Samples/s
(Min)
Comparison Time (“Watchdog” Mode): 1.8
μs
(Max)
ILE: ±1 LSB (Max)
Power Consumption: 15 mW (max)
Stand-By Mode: 5
μW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM12L458_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Mô tả tương tự - LM12L458_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com