công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM111J/883 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM111J/883
Giải thích chi tiết về linh kiện  Voltage Comparator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM111J/883 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM111J/883 Datasheet HTML 7Page - Texas Instruments LM111J/883 Datasheet HTML 8Page - Texas Instruments LM111J/883 Datasheet HTML 9Page - Texas Instruments LM111J/883 Datasheet HTML 10Page - Texas Instruments LM111J/883 Datasheet HTML 11Page - Texas Instruments LM111J/883 Datasheet HTML 12Page - Texas Instruments LM111J/883 Datasheet HTML 13Page - Texas Instruments LM111J/883 Datasheet HTML 14Page - Texas Instruments LM111J/883 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LM111QML
www.ti.com
SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013
LM111 RADIATION Electrical Characteristics SMD 5962L0052401 DC Parameters
(1)(2) (continued)
The following conditions apply, unless otherwise specified. VCC = ±15V, VCM = 0
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
-ICC
Power Supply Current
-5.0
mA
1, 2
-6.0
mA
3
ΔVIO / ΔT
Temperature Coefficient Input
25°C
≤ T ≤ 125°C
-25
25
µV/°C
2
Offset Voltage
-55°C
≤ T ≤ 25°C
-25
25
µV/°C
3
Δ IIO / ΔT
Temperature Coefficient Input
25°C
≤ T ≤ 125°C
-100
100
pA/°C
2
Offset Current
-55°C
≤ T ≤ 25°C
-200
200
pA/°C
3
IOS
Short Circuit Current
VO = 5V, t ≤ 10mS, -VI = 0.1V, +VI
(7)
200
mA
1
= 0V
(7)
150
mA
2
(7)
250
mA
3
+VIO adj.
Input Offset Voltage (Adjustment)
VO = 0V, VI = 0V, RS = 50Ω
5.0
mV
1
-VIO adj.
Input Offset Voltage (Adjustment)
VO = 0V, VI = 0V, RS = 50Ω
-5.0
mV
1
±AVE
Voltage Gain (Emitter)
RL = 600Ω
(8)
10
V/mV
4
(8)
8.0
V/mV
5, 6
(7)
Actual min. limit used is 5mA due to test setup.
(8)
Datalog reading in K=V/mV.
LM111 RADIATION Electrical Characteristics SMD 5962L0052401 AC Parameters
(1) (2)
The following conditions apply, unless otherwise specified. VCC = ±15V, VCM = 0
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
tRLHC
Response Time (Collector Output) VOD(Overdrive) = -5mV,
300
nS
7, 8B
(3)
CL = 50pF, VI = -100mV
640
nS
8A
tRHLC
Response Time (Collector Output) VOD(Overdrive) = 5mV,
300
nS
7, 8B
(3)
CL = 50pF, VI = 100mV
500
nS
8A
(1)
Calculated parameter.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019,
Condition A.
(3)
Group A sample ONLY
LM111 RADIATION Electrical Characteristics SMD 5962L0052401 DC DELTA Parameters
(1) (2)
The following conditions apply, unless otherwise specified. VCC = ±15V, VCM = 0
Delta calculations performed on QMLV devices at group B , subgroup 5.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
VI = 0V, RS = 50Ω
-0.5
0.5
mV
1
+VCC = 29.5V, -VCC = -0.5V,
VI = 0V, VCM = -14.5V,
-0.5
0.5
mV
1
RS = 50Ω
+VCC = 2V, -VCC = -28V,
VI = 0V, VCM = +13V,
-0.5
0.5
mV
1
RS = 50Ω
(1)
Calculated parameter.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019,
Condition A.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM111QML


Số phần tương tự - LM111J/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM111J/883 NSC-LM111J/883 Datasheet
1Mb / 23P
   Voltage Comparator
LM111J/883 NSC-LM111J/883 Datasheet
1,006Kb / 34P
   Voltage Comparator
More results

Mô tả tương tự - LM111J/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com