công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM108AQML bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM108AQML
Giải thích chi tiết về linh kiện  Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM108AQML bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM108AQML Datasheet HTML 5Page - Texas Instruments LM108AQML Datasheet HTML 6Page - Texas Instruments LM108AQML Datasheet HTML 7Page - Texas Instruments LM108AQML Datasheet HTML 8Page - Texas Instruments LM108AQML Datasheet HTML 9Page - Texas Instruments LM108AQML Datasheet HTML 10Page - Texas Instruments LM108AQML Datasheet HTML 11Page - Texas Instruments LM108AQML Datasheet HTML 12Page - Texas Instruments LM108AQML Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LM108-N, LM108AQML
www.ti.com
SNOSAH4B – MARCH 2005 – REVISED MARCH 2013
LM108-NA Rad Hard — Electrical Characteristics DC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
±VCC = ±20V, VCM = 0V, RS = 50Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
±IIB
Input Bias Current
+VCC = 35V, -VCC = -5V,
-0.1
2.0
nA
1
VCM = -15V
-1.0
2.0
nA
2
-0.1
3.0
nA
3
+VCC = 5V, -VCC = -35V,
-0.1
2.0
nA
1
VCM = 15V
-1.0
2.0
nA
2
-0.1
3.0
nA
3
-0.1
2.0
nA
1
-1.0
2.0
nA
2
-0.1
3.0
nA
3
+VCC = +5V, -VCC = -5V
-0.1
2.0
nA
1
-1.0
2.0
nA
2
-0.1
3.0
nA
3
+PSRR
Power Supply Rejection Ratio
+VCC = 10V, -VCC = -20V
-16
16
µV/V
1, 2, 3
-PSRR
Power Supply Rejection Ratio
+VCC = 20V, -VCC = -10V
-16
16
µV/V
1, 2, 3
CMRR
Common Mode Rejection Ratio
VCM = ± 15V
96
dB
1, 2, 3
+IOS
Short Circuit Current
+VCC = +15V,
-VCC = -15V, t ≤ 25mS
-20
mA
1, 2, 3
-IOS
Short Circuit Current
+VCC = +15V,
-VCC = -15V, t ≤ 25mS
20
mA
1, 2, 3
ICC
Power Supply Current
0.6
mA
1, 2
+VCC = +15V,
-VCC = -15V
0.8
mA
3
+VOP
Output Voltage Swing
RL = 10KΩ
16
V
4, 5, 6
-VOP
Output Voltage Swing
RL = 10KΩ
-16
V
4, 5, 6
+AVS
Open Loop Voltage Gain
RL = 10KΩ, Vout = +15V
See(2)
80
V/mV
4
See(2)
40
V/mV
5, 6
-AVS
Open Loop Voltage Gain
RL = 10KΩ, Vout = -15V
See(2)
80
V/mV
4
See(2)
40
V/mV
5, 6
AVS
Open Loop Voltage Gain
±VCC = ±5V, RL = 10KΩ,
See(2)
20
V/mV
4, 5, 6
Vout = ±2V
(2)
Datalog reading in K = V/mV
LM108-NA Rad Hard — Electrical Characteristics DC Drift Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
±VCC = ±20V, VCM = 0V, RS = 50Ω
Delta calculations performed on JAN S and QMLV devices at group B, subgroup 5 only.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
-0.25
0.25
mV
1
±IIB
Input Bias Current
-0.5
0.5
nA
1
LM108-NA Rad Hard — Electrical Characteristics AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
AC
±VCC = ±20V, VCM = 0V, RS = 50Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
TRTR
Transient Response Rise Time
RL = 10KΩ, CL = 100pF,
1,00
f < 1KHz, Vin = +50mV
0
nS
9, 10, 11
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM108-N LM108AQML


Số phần tương tự - LM108AQML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
More results

Mô tả tương tự - LM108AQML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com