công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM308-N bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
LM308-N bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 21 page LM108-N, LM108AQML www.ti.com SNOSAH4B – MARCH 2005 – REVISED MARCH 2013 LM108-NA Rad Hard — Electrical Characteristics DC Parameters (continued) The following conditions apply to all the following parameters, unless otherwise specified. ±VCC = ±20V, VCM = 0V, RS = 50Ω Sub- Symbol Parameter Conditions Notes Min Max Units groups ±IIB Input Bias Current +VCC = 35V, -VCC = -5V, -0.1 2.0 nA 1 VCM = -15V -1.0 2.0 nA 2 -0.1 3.0 nA 3 +VCC = 5V, -VCC = -35V, -0.1 2.0 nA 1 VCM = 15V -1.0 2.0 nA 2 -0.1 3.0 nA 3 -0.1 2.0 nA 1 -1.0 2.0 nA 2 -0.1 3.0 nA 3 +VCC = +5V, -VCC = -5V -0.1 2.0 nA 1 -1.0 2.0 nA 2 -0.1 3.0 nA 3 +PSRR Power Supply Rejection Ratio +VCC = 10V, -VCC = -20V -16 16 µV/V 1, 2, 3 -PSRR Power Supply Rejection Ratio +VCC = 20V, -VCC = -10V -16 16 µV/V 1, 2, 3 CMRR Common Mode Rejection Ratio VCM = ± 15V 96 dB 1, 2, 3 +IOS Short Circuit Current +VCC = +15V, -VCC = -15V, t ≤ 25mS -20 mA 1, 2, 3 -IOS Short Circuit Current +VCC = +15V, -VCC = -15V, t ≤ 25mS 20 mA 1, 2, 3 ICC Power Supply Current 0.6 mA 1, 2 +VCC = +15V, -VCC = -15V 0.8 mA 3 +VOP Output Voltage Swing RL = 10KΩ 16 V 4, 5, 6 -VOP Output Voltage Swing RL = 10KΩ -16 V 4, 5, 6 +AVS Open Loop Voltage Gain RL = 10KΩ, Vout = +15V See(2) 80 V/mV 4 See(2) 40 V/mV 5, 6 -AVS Open Loop Voltage Gain RL = 10KΩ, Vout = -15V See(2) 80 V/mV 4 See(2) 40 V/mV 5, 6 AVS Open Loop Voltage Gain ±VCC = ±5V, RL = 10KΩ, See(2) 20 V/mV 4, 5, 6 Vout = ±2V (2) Datalog reading in K = V/mV LM108-NA Rad Hard — Electrical Characteristics DC Drift Parameters The following conditions apply to all the following parameters, unless otherwise specified. ±VCC = ±20V, VCM = 0V, RS = 50Ω Delta calculations performed on JAN S and QMLV devices at group B, subgroup 5 only. Sub- Symbol Parameter Conditions Notes Min Max Units groups VIO Input Offset Voltage -0.25 0.25 mV 1 ±IIB Input Bias Current -0.5 0.5 nA 1 LM108-NA Rad Hard — Electrical Characteristics AC Parameters The following conditions apply to all the following parameters, unless otherwise specified. AC ±VCC = ±20V, VCM = 0V, RS = 50Ω Sub- Symbol Parameter Conditions Notes Min Max Units groups TRTR Transient Response Rise Time RL = 10KΩ, CL = 100pF, 1,00 f < 1KHz, Vin = +50mV 0 nS 9, 10, 11 Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM108-N LM108AQML |
Số phần tương tự - LM308-N |
|
Mô tả tương tự - LM308-N |