công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM101MDR bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
LM101MDR bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 28 page LM101AQML SNOSAI0A – JANUARY 2006 – REVISED MARCH 2013 www.ti.com LM101A 883 Electrical Characteristics DC Parameters (continued) The following conditions apply to all parameters, unless otherwise specified VCC = ±20V, VCM= 0V Symbol Parameter Conditions Sub- Notes Min Max Units groups +VOP Output Voltage Swing RL = 10KΩ 16 V 4, 5, 6 RL = 2KΩ 15 V 4, 5, 6 RL = 10KΩ, VCC = ±15V 12 V 4, 5, 6 RL = 2KΩ, VCC = ±15V 10 V 4, 5, 6 -VOP Output Voltage Swing RL = 10KΩ -16 V 4, 5, 6 RL = 2KΩ -15 V 4, 5, 6 RL = 10KΩ, VCC = ±15V -12 V 4, 5, 6 RL = 2KΩ, VCC = ±15V -10 V 4, 5, 6 LM101A 883 Electrical Characteristics AC Parameters The following conditions apply to all parameters, unless otherwise specified VCC = ±20V, RL = 2KΩ, AV = 1 Symbol Parameter Conditions Sub- Notes Min Max Units groups +SR Slew Rate VI = -5V to 5V 0.2 V/µS 7 -SR Slew Rate VI = 5V to -5V 0.2 V/µS 7 GBW Gain Bandwidth VI = 50mVRMS, f = 20KHz 0.25 MHz 7 LM101A QML and RH Electrical Characteristics (1) DC Parameters The following conditions apply to all parameters, unless otherwise specified VCC = ±20V, VCM = 0V, RS = 50Ω Symbol Parameter Conditions Sub- Notes Min Max Units groups VIO Input Offset Voltage +VCC = 35V, -VCC = -5V, -2.0 +2.0 mV 1 VCM = -15V -3.0 +3.0 mV 2, 3 +VCC = 5V, -VCC = -35V, -2.0 +2.0 mV 1 VCM = +15V -3.0 +3.0 mV 2, 3 VCM = 0V -2.0 +2.0 mV 1 -3.0 +3.0 mV 2, 3 +VCC = 5V, -VCC = -5V, -2.0 +2.0 mV 1 VCM = 0V -3.0 +3.0 mV 2, 3 IIO Input Offset Current +VCC = 35V, -VCC = -5V, -10 +10 nA 1, 2 VCM = -15V, RS = 100KΩ -20 +20 nA 3 +VCC = 5V, -VCC = -35V, -10 +10 nA 1, 2 VCM = +15V, RS = 100KΩ -20 +20 nA 3 VCM = 0V, RS = 100KΩ -10 +10 nA 1, 2 -20 +20 nA 3 +VCC = 5V, -VCC = -5V, -10 +10 nA 1, 2 VCM = 0V, RS = 100KΩ -20 +20 nA 3 (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019 6 Submit Documentation Feedback Copyright © 2006–2013, Texas Instruments Incorporated Product Folder Links: LM101AQML |
Số phần tương tự - LM101MDR |
|
Mô tả tương tự - LM101MDR |