công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF198JAN bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LF198JAN
Giải thích chi tiết về linh kiện  LF198JAN Monolithic Sample-and-Hold Circuits
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LF198JAN bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LF198JAN_13 Datasheet HTML 1Page - Texas Instruments LF198JAN_13 Datasheet HTML 2Page - Texas Instruments LF198JAN_13 Datasheet HTML 3Page - Texas Instruments LF198JAN_13 Datasheet HTML 4Page - Texas Instruments LF198JAN_13 Datasheet HTML 5Page - Texas Instruments LF198JAN_13 Datasheet HTML 6Page - Texas Instruments LF198JAN_13 Datasheet HTML 7Page - Texas Instruments LF198JAN_13 Datasheet HTML 8Page - Texas Instruments LF198JAN_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LF198JAN
SNOSAJ2A – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics DC Parameters
Symbol
Parameter
Sub-
Conditions
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
-3.0
3.0
mV
1
+VCC = 3.5V, -VCC = -26.5V,
VCM = 11.5V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 26.5V, -VCC = -3.5V,
VCM = -11.5V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 15V, -VCC = -15V,
VCM = 0V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 7V, -VCC = -3V,
VCM = 2V
-5.0
5.0
mV
2, 3
-3.0
3.0
mV
1
+VCC = 3V, -VCC = -7V,
VCM = -2V
-5.0
5.0
mV
2, 3
IIB
Input Bias Current
-1.0
25
nA
1
+VCC = 3.5V, -VCC = -26.5V,
VCM = 11.5V
-25
75
nA
2, 3
-1.0
25
nA
1
+VCC = 26.5V, -VCC = -3.5V,VCM =
-11.5V
-25
75
nA
2, 3
-1
25
nA
1
+VCC = 15V, -VCC = -15V,
VCM = 0V
-25
75
nA
2, 3
-1
25
nA
1
+VCC = 7V, -VCC = -3V,
VCM = 2V
-25
75
nA
2, 3
-1.0
25
nA
1
+VCC = 3V, -VCC = -7V,
VCM = -2V
-25
75
nA
2, 3
ZI
Input Impedance
+VCC = 3.5V to 26.6V,
2.0
G
1
-VCC = -26.5V to -3.5V,
1.0
G
2, 3
VCM = 11.5V to -11.5V
VIO Adj+
Input Offset Voltage Adjustment
+VCC = 15V, -VCC = -15V,
6.0
mV
1, 2, 3
VCM = 0V
VIO Adj-
Input Offset Voltage Adjustment
+VCC = 15V, -VCC = -15V,
-6.0
mV
1, 2, 3
VCM = 0V
PSRR+
Power Supply Rejection Ratio
-VCC = -18V,
80
dB
1, 2, 3
+VCC = 18V to 12V
PSRR-
Power Supply Rejection Ratio
+VCC = 18V,
80
dB
1, 2, 3
-VCC = -12V to -18V
ICC
Supply Current
1.0
5.5
mA
1,2
+VCC = 15V, -VCC = -15V,
VCM = 0V
1.0
6.5
mA
3
AE
Gain Error
+VCC = 3.5V to 26.5V,
-0.005
0.005
%
1
-VCC = -26.5V to -3.5V,
-0.02
0.02
%
2, 3
VCM = -11.5V to 11.5V
+VCC = 3V to 7V,
-0.02
0.02
%
1
-VCC = -7V to -3V,
-0.04
0.04
%
2, 3
VCM = -2V to 2V
RSC
Series Charge Resistance
+VCC = 15V, -VCC = -15V,
75
400
1, 2, 3
VCM = 0V
IIH (a)
Logical 1 Input Current
+VCC = 8.5V, -VCC = -21.5V
0
10
µA
1, 2, 3
IIH (b)
Logical 1 Input Current
+VCC = 8.5V, -VCC = -21.5V
0
10
µA
1, 2, 3
IIL (a)
Logical 0 Input Current
+VCC = 21.5V, -VCC = -8.5V
-1.0
1.0
µA
1, 2, 3
IIL (b)
Logical 0 Input Current
+VCC = 21.5V, -VCC = -8.5V
-1.0
1.0
µA
1, 2, 3
IOS+
Output Short Circuit Current
+VCC = 15V, -VCC = -15V,
-25
mA
1, 2, 3
VCM = 0V
IOS-
Output Short Circuit Current
+VCC = 15V, -VCC = -15V,
25
mA
1, 2, 3
VCM = 0V
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LF198JAN


Số phần tương tự - LF198JAN_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI-LF198JAN Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results

Mô tả tương tự - LF198JAN_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com