công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF147 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LF147
Giải thích chi tiết về linh kiện  Wide Bandwidth Quad JFET Input Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LF147 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LF147 Datasheet HTML 7Page - Texas Instruments LF147 Datasheet HTML 8Page - Texas Instruments LF147 Datasheet HTML 9Page - Texas Instruments LF147 Datasheet HTML 10Page - Texas Instruments LF147 Datasheet HTML 11Page - Texas Instruments LF147 Datasheet HTML 12Page - Texas Instruments LF147 Datasheet HTML 13Page - Texas Instruments LF147 Datasheet HTML 14Page - Texas Instruments LF147 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LF147, LF347-N
www.ti.com
SNOSBH1D – MAY 1999 – REVISED MARCH 2013
Typical Applications
Figure 23. Digitally Selectable Precision Attenuator
All resistors 1% tolerance
Accuracy of better than 0.4% with standard 1% value resistors
No offset adjustment necessary
Expandable to any number of stages
Very high input impedance
A1
A2
A3
VO
Attenuation
0
0
0
0
0
0
1
−1 dB
0
1
0
−2 dB
0
1
1
−3 dB
1
0
0
−4 dB
1
0
1
−5 dB
1
1
0
−6 dB
1
1
1
−7 dB
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LF147 LF347-N


Số phần tương tự - LF147

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
STMicroelectronics
LF147 STMICROELECTRONICS-LF147 Datasheet
302Kb / 10P
   WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
77Kb / 9P
   WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147 TI-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   The LF147 is a low cost, high speed quad JFET input operational amplifier with an internally trimmed input offset voltage ( BI-FET II??technology).
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
More results

Mô tả tương tự - LF147

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF347MX TI1-LF347MX Datasheet
1Mb / 21P
[Old version datasheet]   LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
   WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
LF453 NSC-LF453 Datasheet
219Kb / 8P
   LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
Texas Instruments
LF147QML TI1-LF147QML Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com