công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5203IPFB bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADS5203IPFB
Giải thích chi tiết về linh kiện  DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5203IPFB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS5203IPFB Datasheet HTML 1Page - Texas Instruments ADS5203IPFB Datasheet HTML 2Page - Texas Instruments ADS5203IPFB Datasheet HTML 3Page - Texas Instruments ADS5203IPFB Datasheet HTML 4Page - Texas Instruments ADS5203IPFB Datasheet HTML 5Page - Texas Instruments ADS5203IPFB Datasheet HTML 6Page - Texas Instruments ADS5203IPFB Datasheet HTML 7Page - Texas Instruments ADS5203IPFB Datasheet HTML 8Page - Texas Instruments ADS5203IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ADS5203
SBAS258A – JUNE 2002 – REVISED JULY 2002
www.ti.com
5
PIN CONFIGURATION
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DRVDD
1,13
I
Supply Voltage for Output Drivers
DRVSS
12, 24
I
Digital Ground for Output Drivers
DA 9..0
14-23
O
Data Outputs for Bus A. D9 is MSB. This is the primary bus. Data from both input channels can be output on this bus
or data from the A channel only. Pins SELB and MODE select the output mode. The data outputs are in tri-state during
power-down (refer to Timing Options table).
DB 9..0
2-11
O
Data Outputs for Bus B. D9 is MSB. This is the second bus. Data is output from the B-channel when dual bus output mode
is selected. The data outputs are in tri-state during power-down and single-bus modes (refer to Timing Options table).
OE
48
I
Output Enable. A LOW on this terminal will enable the data output bus, COUT and COUT.
COUT
26
O
Latch Clock for the Data Outputs. COUT is in tri-state during power-down.
COUT
25
O
Inverted Latch Clock or multiplexer control for the Data Outputs. COUT is in tri-state during power–down.
SELB
44
I
Selects either single-bus data output or dual-bus data output. A LOW selects dual-bus data output.
DVSS
43
I
Digital Ground
CLK
47
I
Clock Input. The input is sampled on each rising edge of CLK when using a 40MHz input and alternate rising edges when
using an 80MHz input. The clock pin is referenced to AVDD and AVSS to reduce noise coupling from digital logic.
DVDD
45
I
Digital Supply Voltage
AVDD
27,37,41
I
Analog Supply Voltage
MODE
46
I
Selects the COUT and COUT output mode.
AVSS
28,36,40
I
Analog Ground
B–
35
I
Negative Input for the Analog B Channel
B+
34
I
Positive Input for the Analog B Channel
REFT
31
I/O
Reference Voltage Top. The voltage at this terminal defines the top reference voltage for the ADC. Sufficient filtering
should be applied to this input: the use of 0.1
µF capacitor between REFT and AVSS is recommended. Additionally a 0.1µF
capacitor should be connected between REFT and REFB.
REFB
30
I/O
Reference Voltage Bottom. The voltage at this terminal defines the bottom reference voltage for the ADC. Sufficient
filtering should be applied to this input: the use of 0.1
µF capacitor between REFB and AVSS is recommended. Additionally
a 0.1
µF capacitor should be connected between REFT and REFB.
CML
32
O
Common-Mode Level. This voltage is equal to (AVDD – AVSS)/2. An external capacitor of 0.1µF should be connected
between this terminal and AVSS when CML is used as a bias voltage. No capacitor is required if CML is not used.
PDWN_REF
33
I
Power-Down for Internal Reference Voltages. A HIGH on this terminal disables the internal reference circuit.
STBY
42
I
Standby Input. A HIGH on this terminal will power down the device.
A–
39
I
Negative Input for the Analog A Channel
A+
38
I
Positive Input for Analog A Channel
TP
29
This pin must be connected to DVDD. It should not be left floating.


Số phần tương tự - ADS5203IPFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5203IPFB TI1-ADS5203IPFB Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBG4 TI1-ADS5203IPFBG4 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBR TI1-ADS5203IPFBR Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBRG4 TI1-ADS5203IPFBRG4 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS5203IPFB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5204 TI-ADS5204 Datasheet
492Kb / 18P
[Old version datasheet]   DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5203 TI1-ADS5203_15 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com