công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1204IRHBT bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1204IRHBT
Giải thích chi tiết về linh kiện  FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1204IRHBT bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS1204IRHBT Datasheet HTML 2Page - Texas Instruments ADS1204IRHBT Datasheet HTML 3Page - Texas Instruments ADS1204IRHBT Datasheet HTML 4Page - Texas Instruments ADS1204IRHBT Datasheet HTML 5Page - Texas Instruments ADS1204IRHBT Datasheet HTML 6Page - Texas Instruments ADS1204IRHBT Datasheet HTML 7Page - Texas Instruments ADS1204IRHBT Datasheet HTML 8Page - Texas Instruments ADS1204IRHBT Datasheet HTML 9Page - Texas Instruments ADS1204IRHBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADS1204
SBAS301A − OCTOBER 2003 − REVISED JUNE 2004
www.ti.com
6
PIN ASSIGNMENTS
QFN PACKAGE
(TOP VIEW)
CH A+
CH A
CH B+
CH B
CH C
CH C+
CH D
CH D+
OUT A
OUT B
OUT C
OUT D
CLKOUT
BGND
BV
DD
CLKIN
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
ADS1204
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
CH A+
1
AI
Analog input of channel A: noninverting input
CH A−
2
AI
Analog input of channel A: inverting input
CH B+
3
AI
Analog input of channel B: noninverting input
CH B−
4
AI
Analog input of channel B: inverting input
CH C−
5
AI
Analog input of channel C: inverting input
CH C+
6
AI
Analog input of channel C: noninverting input
CH D−
7
AI
Analog input of channel D: inverting input
CH D+
8
AI
Analog input of channel D: noninverting input
REFIN D
9
AI
Reference voltage input of channel D:
pin for external reference voltage
REFIN C
10
AI
Reference voltage input of channel C:
pin for external reference voltage
AGND
11
Analog ground
AVDD
12
P
Analog power supply; nominal 5V
NC
13
No connection; this pin is left unconnected
AVDD
14
P
Analog power supply; nominal 5V
AGND
15
Analog ground
CLKSEL
16
I
Clock select between internal clock (CLKSEL = 1)
or external clock (CLKSEL = 0)
TERMINAL
NAME
NO.
I/O
DESCRIPTION
CLKIN
17
I
External clock input
BVDD
18
P
Digital interface power supply; from 2.7V to 5.5V
BGND
19
Interface ground
CLKOUT
20
O
System clock output
OUT D
21
O
Bit stream from channel D modulator
OUT C
22
O
Bit stream from channel C modulator
OUT B
23
O
Bit stream from channel B modulator
OUT A
24
O
Bit stream from channel A modulator
NC
25
No connection; this pin is left unconnected
AGND
26
Analog ground
AVDD
27
P
Analog power supply; nominal 5V
REFOUT
28
AO
Reference voltage output: output pin of the
internal reference source; nominal 2.5V
AVDD
29
P
Analog power supply; nominal 5V
AGND
30
Analog ground
REFIN B
31
AI
Reference voltage input of channel B:
pin for external reference voltage
REFIN A
32
AI
Reference voltage input of channel A:
pin for external reference voltage
NOTE: AI = Analog Input; AO = Analog Output; I = Input; O = Output; P = Power Supply.


Số phần tương tự - ADS1204IRHBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1204IRHBT TI1-ADS1204IRHBT Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBT TI1-ADS1204IRHBT Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBTG4 TI1-ADS1204IRHBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBTG4 TI1-ADS1204IRHBTG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Mô tả tương tự - ADS1204IRHBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com