công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC2214RGHR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện FDC2214RGHR
Giải thích chi tiết về linh kiện  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214RGHR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  FDC2214RGHR Datasheet HTML 1Page - Texas Instruments FDC2214RGHR Datasheet HTML 2Page - Texas Instruments FDC2214RGHR Datasheet HTML 3Page - Texas Instruments FDC2214RGHR Datasheet HTML 4Page - Texas Instruments FDC2214RGHR Datasheet HTML 5Page - Texas Instruments FDC2214RGHR Datasheet HTML 6Page - Texas Instruments FDC2214RGHR Datasheet HTML 7Page - Texas Instruments FDC2214RGHR Datasheet HTML 8Page - Texas Instruments FDC2214RGHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
IN0A
IN0B
IN3A
IN3B
FDC2114 / FDC2214
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 3
C
Resonant
circuit driver
Resonant
circuit driver
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
FDC2x1x EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter for Proximity and
Level Sensing Applications
1 Features
3 Description
Capacitive sensing is a low-power, low-cost, high-
1
EMI-Resistant Architecture
resolution contactless sensing technique that can be
Maximum Output Rates (one active channel):
applied to a variety of applications ranging from
13.3 ksps (FDC2112, FDC2114)
proximity detection and gesture recognition to remote
liquid level sensing. The sensor in a capacitive
4.08 ksps (FDC2212, FDC2214)
sensing system is any metal or conductor, allowing
Maximum Input Capacitance: 250 nF (at 10 kHz
for low cost and highly flexible system design.
with 1 mH inductor)
The main challenge limiting sensitivity in capacitive
Sensor Excitation Frequency: 10 kHz to 10 MHz
sensing applications is noise susceptibility of the
Number of channels: 2, 4
sensors. With the FDC2x1x innovative EMI resistant
Resolution: up to 28 bits
architecture, performance can be maintained even in
presence of high-noise environments.
System Noise Floor: 0.3 fF at 100 sps
Supply Voltage: 2.7 V to 3.6 V
The FDC2x1x is a multi-channel family of noise- and
EMI-resistant,
high-resolution,
high-speed
Power Consumption: Active: 2.1 mA
capacitance-to-digital converters for implementing
Low-Power Sleep Mode: 35 uA
capacitive sensing solutions. The devices employ an
Shutdown: 200 nA
innovative narrow-band based architecture to offer
high rejection of noise and interferers while providing
Interface: I2C
high resolution at high speed. The devices support a
Temperature range: -40°C to +125°C
wide excitation frequency range, offering flexibility in
system design. A wide frequency range is especially
2 Applications
useful for reliable sensing of conductive liquids such
as detergent, soap, and ink.
Proximity Sensor
Gesture Recognition
Device Information(1)
Level Sensor for Liquids, including Conductive
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ones such as Detergent, Soap, and Ink
FDC2112, FDC2212 WSON (DNT 12)
4.00 mm x 4.00 mm
Collision Avoidance
FDC2114, FDC2214 WQFN (RGH 16)
4.00 mm x 4.00 mm
Rain, Fog, Ice, Snow Sensor
(1) For all available packages, see the orderable addendum at
Automotive Door and Kick Sensors
the end of the datasheet.
Material Size Detection
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - FDC2214RGHR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
FDC2214RGHR TI1-FDC2214RGHR Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
More results

Mô tả tương tự - FDC2214RGHR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com