công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8814IBDBTG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8814IBDBTG4
Giải thích chi tiết về linh kiện  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8814IBDBTG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  DAC8814IBDBTG4 Datasheet HTML 1Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 2Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 3Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 4Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 5Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 6Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 7Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 8Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
BurrBrown Products
from Texas Instruments
DA
C8
814
FEATURES
DESCRIPTION
APPLICATIONS
16
DAC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
EN
A
B
C
D
2:4
Decode
SDO
SDI
CS
CLK
DGND
RS
MSB
LDAC
AGNDF
AGNDD
IOUTD
RFBD
AGNDC
IOUTC
RFBC
AGNDB
IOUTC
RFBB
AGNDA
IOUTA
RFBA
A B C D
VREF
Input
Register
R
Input
Register
R
Input
Register
R
Input
Register
R
Power-On
Reset
DAC A
Register
R
DAC B
Register
R
DAC C
Register
R
DAC D
Register
R
DAC A
DAC B
DAC C
DAC D
DAC8814
SBAS338D – JANUARY 2005 – REVISED SEPTEMBER 2006
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Relative Accuracy: 1 LSB Max
The DAC8814 is a quad, 16-bit, current-output
Differential Nonlinearity: 1 LSB Max
digital-to-analog
converter
(DAC)
designed
to
operate from a single +2.7-V to 5.0-V supply.
2-mA Full-Scale Current
with VREF = ±10 V
The applied external reference input voltage VREF
0.5-
µs Settling Time
determines the full-scale output current. An internal
feedback
resistor
(RFB)
provides
temperature
Midscale or Zero-Scale Reset
tracking for the full-scale output when combined with
Four Separate 4Q Multiplying Reference
an external I-to-V precision amplifier.
Inputs
A doubled buffered serial data interface offers
Reference Bandwidth: 10 MHz
high-speed,
3-wire,
SPI
and
microcontroller
Reference Dynamics: –105 dB THD
compatible inputs using serial data in (SDI), clock
SPI™-Compatible 3-Wire Interface:
(CLK), and a chip-select (CS). In addition, a serial
50 MHz
data out pin (SDO) allows for daisy-chaining when
Double Buffered Registers Enable
multiple
packages
are
used.
A
common
level-sensitive load DAC strobe (LDAC) input allows
Simultaneous Multichannel Change
simultaneous update of
all
DAC
outputs
from
Internal Power-On Reset
previously loaded input registers. Additionally, an
Industry-Standard Pin Configuration
internal power-on reset forces the output voltage to
zero at system turn on. An MSB pin allows system
reset assertion (RS) to force all registers to zero
code when MSB = 0, or to half-scale code when
Automatic Test Equipment
MSB = 1.
Instrumentation
Digitally-Controlled Calibration
The DAC8814 is available in an SSOP package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a trademark of Motorola, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - DAC8814IBDBTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8814IBDBT TI-DAC8814IBDBT Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8814IBDBTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com