công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8801 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8801
Giải thích chi tiết về linh kiện  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8801 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  DAC8801 Datasheet HTML 1Page - Texas Instruments DAC8801 Datasheet HTML 2Page - Texas Instruments DAC8801 Datasheet HTML 3Page - Texas Instruments DAC8801 Datasheet HTML 4Page - Texas Instruments DAC8801 Datasheet HTML 5Page - Texas Instruments DAC8801 Datasheet HTML 6Page - Texas Instruments DAC8801 Datasheet HTML 7Page - Texas Instruments DAC8801 Datasheet HTML 8Page - Texas Instruments DAC8801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
14
14
DAC8801
SLAS403B – NOVEMBER 2004 – REVISED FEBRUARY 2007
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
• 14-Bit Monotonic
The DAC8801 multiplying digital-to-analog converter
is designed to operate from a single 2.7-V to 5.5-V
• ±1 LSB INL
supply.
• ±0.5 LSB DNL
The applied external reference input voltage VREF
• Low Noise: 12 nV/√Hz
determines the full-scale output current. An internal
• Low Power: I
DD = 2 µA
feedback
resistor
(RFB)
provides
temperature
• +2.7 V to +5.5 V Analog Power Supply
tracking for the full-scale output when combined with
an external I-to-V precision amplifier.
• 2 mA Full-Scale Current ±20%
with VREF = 10 V
A serial-data interface offers high-speed, three-wire
• 0.5 µs Settling Time
microcontroller compatible inputs using data-in (SDI),
clock (CLK), and chip select (CS).
• 4-Quadrant Multiplying Reference-Input
• Reference Bandwidth: 10 MHz
On power-up, the DAC register is filled with zeroes,
and the DAC output is at zero scale.
• ±10 V Reference Input
The DAC8801 is packaged in space-saving 8-lead
• Reference Dynamics: -105 THD
SON and MSOP packages.
• 3-Wire 50-MHz Serial Interface
• Tiny 8-Lead 3 x 3 mm SON and 3 x 5 mm
MSOP Packages
• Industry-Standard Pin Configuration
• Automatic Test Equipment
• Instrumentation
• Digitally Controlled Calibration
• Industrial Control PLCs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - DAC8801

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDGK BURR-BROWN-DAC8801IDGK Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDGKR BURR-BROWN-DAC8801IDGKR Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDGKT BURR-BROWN-DAC8801IDGKT Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDRB BURR-BROWN-DAC8801IDRB Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8801

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com