công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4541BE bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
CD4541BE bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 18 page PACKAGE OPTION ADDENDUM www.ti.com 2-Apr-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples CD4541BE ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU | CU SN N / A for Pkg Type -55 to 125 CD4541BE CD4541BEE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4541BE CD4541BF ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 CD4541BF CD4541BF3A ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 CD4541BF3A CD4541BM ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4541BM CD4541BM96 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -55 to 125 CD4541BM CD4541BM96E4 ACTIVE SOIC D 14 TBD Call TI Call TI -55 to 125 CD4541BM96G4 OBSOLETE SOIC D 14 TBD Call TI Call TI -55 to 125 CD4541BME4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4541BM CD4541BMG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4541BM CD4541BMT ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4541BM CD4541BMTG4 ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4541BM CD4541BNSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4541B CD4541BNSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4541B CD4541BPW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM541B CD4541BPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -55 to 125 CM541B CD4541BPWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM541B (1) The marketing status values are defined as follows: |
Số phần tương tự - CD4541BE |
|
Mô tả tương tự - CD4541BE |