công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC088S085 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện DAC088S085
Giải thích chi tiết về linh kiện  DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC088S085 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button DAC088S085_16 Datasheet HTML 2Page - Texas Instruments DAC088S085_16 Datasheet HTML 3Page - Texas Instruments DAC088S085_16 Datasheet HTML 4Page - Texas Instruments DAC088S085_16 Datasheet HTML 5Page - Texas Instruments DAC088S085_16 Datasheet HTML 6Page - Texas Instruments DAC088S085_16 Datasheet HTML 7Page - Texas Instruments DAC088S085_16 Datasheet HTML 8Page - Texas Instruments DAC088S085_16 Datasheet HTML 9Page - Texas Instruments DAC088S085_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
DAC088S085
SNAS424D – AUGUST 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: DAC088S085
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Soldering process must comply with Texas Instruments' Reflow Temperature Profile specifications. See http://www.ti.com/packaging.
Reflow temperature profiles are different for lead-free packages.
7.4 Thermal Information
THERMAL METRIC(1)(2)
DAC088S085
UNIT
PW (TSSOP)
RGH (WQFN)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
130
38
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
32
21
°C/W
RθJB
Junction-to-board thermal resistance
44.2
9.8
°C/W
ψJT
Junction-to-top characterization parameter
2
0.2
°C/W
ψJB
Junction-to-board characterization parameter
43.5
9.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.4
°C/W
(1)
This parameter is specified by design or characterization and is not tested in production.
7.5 Electrical Characteristics
The following specifications apply for VA = 2.7 V to 5.5 V, VREF1 = VREF2 = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 3 to 252. Typical values apply for TA = 25°C; minimum and maximum limits apply for TA = –40°C to 125°C, unless
otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
8
Bits
Monotonicity
8
Bits
INL
Integral non
‑linearity
±0.12
±0.5
LSB
DNL
Differential non
‑linearity
0.03
0.15
LSB
–0.1
–0.02
ZE
Zero code error
IOUT = 0
5
15
mV
FSE
Full-scale error
IOUT = 0
–0.1
–0.75
%FSR
GE
Gain error
–0.2
–1
%FSR
ZCED
Zero code error drift
–20
µV/°C
TC GE
Gain error tempco
–1
ppm/°C
OUTPUT CHARACTERISTICS
Output voltage range
0
VREF1,2
V
IOZ
High-impedance output
leakage current(1)
±1
µA
ZCO
Zero code output
VA = 3 V, IOUT = 200 µA
10
mV
VA = 3 V, IOUT = 1 mA
45
VA = 5 V, IOUT = 200 µA
8
VA = 5 V, IOUT = 1 mA
34
FSO
Full scale output
VA = 3 V, IOUT = 200 µA
2.984
V
VA = 3 V, IOUT = 1 mA
2.933
VA = 5 V, IOUT = 200 µA
4.987
VA = 5 V, IOUT = 1 mA
4.955
IOS
Output short circuit current
(source)
VA = 3 V, VOUT = 0 V, Input Code = FFh
–50
mA
VA = 5 V, VOUT = 0 V, Input Code = FFh
–60
IOS
Output short circuit current
(sink)
VA = 3 V, VOUT = 3 V, Input Code = 00h
50
mA
VA = 5 V, VOUT = 5 V, Input Code = 00h
70
IO
Continuous output current
per channel(1)
TA = 105°C
10
mA
TA = 125°C
6.5


Số phần tương tự - DAC088S085_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC088S085CIMT NSC-DAC088S085CIMT Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085CIMTX NSC-DAC088S085CIMTX Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085CISQ NSC-DAC088S085CISQ Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085CISQX NSC-DAC088S085CISQX Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085EB NSC-DAC088S085EB Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

Mô tả tương tự - DAC088S085_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC128S085 TI1-DAC128S085_15 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com