công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54LS169LMQB bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện 54LS169LMQB
Giải thích chi tiết về linh kiện  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

54LS169LMQB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  54LS169LMQB Datasheet HTML 1Page - Texas Instruments 54LS169LMQB Datasheet HTML 2Page - Texas Instruments 54LS169LMQB Datasheet HTML 3Page - Texas Instruments 54LS169LMQB Datasheet HTML 4Page - Texas Instruments 54LS169LMQB Datasheet HTML 5Page - Texas Instruments 54LS169LMQB Datasheet HTML 6Page - Texas Instruments 54LS169LMQB Datasheet HTML 7Page - Texas Instruments 54LS169LMQB Datasheet HTML 8Page - Texas Instruments 54LS169LMQB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS and 54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54LS169A
DM74LS169A
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
fCLK
Clock Frequency (Note 1)
0
25
0
25
MHz
Clock Frequency (Note 2)
0
20
0
20
MHz
tW
Clock Pulse Width (Note 3)
25
25
ns
tSU
Setup Time
Data
20
20
(Note 3)
Enable
20
20
T or P
ns
Load
25
25
UD
30
30
tH
Hold Time (Note 3)
0
0
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
CL e 15 pF RL e 2kX TA e 25 C and VCC e 5V
Note 2
CL e 50 pF RL e 2kX TA e 25 C and VCC e 5V
Note 3
TA e 25 C and VCC e 5V
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 4)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
25
34
V
Voltage
VIL e Max VIH e Min
DM74
27
34
VOL
Low Level Output
VCC e Min IOL e Max
DM54
025
04
Voltage
VIL e Max VIH e Min
DM74
035
05
V
IOL e 4 mA VCC e Min
DM74
025
04
II
Input Current
Max
VCC e Max
Enable T
02
mA
Input Voltage
VI e 7V
Others
01
IIH
High Level Input
VCC e Max
Enable T
40
m
A
Current
VI e 27V
Others
20
IIL
Low Level Input
VCC e Max
Enable T
b
08
mA
Current
VI e 04V
Others
b
04
IOS
Short Circuit
VCC e Max
DM54
b
20
b
100
mA
Output Current
(Note 5)
DM74
b
20
b
100
ICC
Supply Current
VCC e Max (Note 6)
20
34
mA
Note 4
All typicals are at VCC e 5V and TA e 25 C
Note 5
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 6
ICC is measured after a momentary 45V then ground is applied to the CLOCK with all other inputs grounded and all the outputs open
2


Số phần tương tự - 54LS169LMQB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54LS169LMQB NSC-54LS169LMQB Datasheet
165Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results

Mô tả tương tự - 54LS169LMQB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com