công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC1021 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện DAC1021
Giải thích chi tiết về linh kiện  10-Bit Binary Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1021 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  DAC1021 Datasheet HTML 1Page - Texas Instruments DAC1021 Datasheet HTML 2Page - Texas Instruments DAC1021 Datasheet HTML 3Page - Texas Instruments DAC1021 Datasheet HTML 4Page - Texas Instruments DAC1021 Datasheet HTML 5Page - Texas Instruments DAC1021 Datasheet HTML 6Page - Texas Instruments DAC1021 Datasheet HTML 7Page - Texas Instruments DAC1021 Datasheet HTML 8Page - Texas Instruments DAC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 5)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Va to Gnd
17V
VREF to Gnd
g
25V
Digital Input Voltage Range
Va to Gnd
DC Voltage at Pin 1 or Pin 2 (Note 3)
b
100 mV to Va
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
Dual-In-Line Package (plastic)
260 C
Dual-In-Line Package (ceramic)
300 C
ESD Susceptibility (Note 4)
800V
Operating Ratings
Min
Max
Units
Temperature (TA)
DAC1020LIV DAC1220LCJ
DAC1222LCJ
b
40
a
85
C
DAC1020LCN DAC1020LCV
DAC1021LCN
0
a
70
C
DAC1022LCN DAC1220LCN
0
a
70
C
DAC1222LCN
0
a
70
C
Electrical Characteristics (Va e 15V VREF e 10000V TA e 25 C unless otherwise specified)
DAC1020 DAC1021
DAC1220 DAC1222
Parameter
Conditions
DAC1022
Units
Min
Typ
Max
Min
Typ
Max
Resolution
10
12
Bits
Linearity Error
TMINkTAkTMAX
b
10VkVREFka10V
(Note 1) End Point Adjustment Only
(See Linearity Error in Definition of Terms)
10-Bit Parts
DAC1020 DAC1220
005
005
% FSR
9-Bit Parts
DAC1021
010
010
% FSR
8-Bit Parts
DAC1022 DAC1222
020
020
% FSR
Linearity Error Tempco
b
10VsVREFsa10V
00002
00002
% FS C
(Notes 1 and 2)
Full-Scale Error
b
10VsVREFsa10V
03
10
03
10
% FS
(Notes 1 and 2)
Full-Scale Error Tempco
TMINkTAkTMAX
0001
0001
% FS C
(Note 2)
Output Leakage Current
TMINsTAsTMAX
IOUT 1
All Digital Inputs Low
200
200
nA
IOUT 2
All Digital Inputs High
200
200
nA
Power Supply Sensitivity
All Digital Inputs High
0005
0005
% FSV
14VsVas16V (Note 2)
(Figure 2)
VREF Input Resistance
10
15
20
10
15
20
kX
Full-Scale Current Settling
RLe 100X from 0 to 99 95%
Time
FS
All Digital Inputs Switched
500
500
ns
Simultaneously
VREF Feedthrough
All Digital Inputs Low
10
10
mVp-p
VREFe20 Vp-p
100 kHz
J Package (Note 4)
6
9
6
9
mVp-p
N Package
2
5
2
5
mVp-p
Output Capacitance
IOUT 1
All Digital Inputs Low
40
40
pF
All Digital Inputs High
200
200
pF
IOUT 2
All Digital Inputs Low
200
200
pF
All Digital Inputs High
40
40
pF
http
www nationalcom
2


Số phần tương tự - DAC1021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC1021 NSC-DAC1021 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1021LCN NSC-DAC1021LCN Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results

Mô tả tương tự - DAC1021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
Analog Devices
AD7522 AD-AD7522_15 Datasheet
2Mb / 6P
   CMOS 10 BIT SUFFERED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com