công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH32501ZKFR bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện 74ALVCH32501ZKFR
Giải thích chi tiết về linh kiện  36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH32501ZKFR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  74ALVCH32501ZKFR Datasheet HTML 1Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 2Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 3Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 4Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 5Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 6Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 7Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 8Page - Texas Instruments 74ALVCH32501ZKFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74ALVCH32501
36-BIT UNIVERSAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES144G – OCTOBER 1998 – REVISED OCTOBER 2004
±24-mA Output Drive at 3.3 V
Member of the Texas Instruments Widebus+™
Bus Hold on Data Inputs Eliminates the Need
Family
for External Pullup/Pulldown Resistors
UBT™ Transceiver Combines D-Type Latches
Latch-Up Performance Exceeds 250 mA Per
and D-Type Flip-Flops for Operation in
JESD 17
Transparent, Latched, or Clocked Mode
ESD Protection Exceeds JESD 22
Operates From 1.65 V to 3.6 V
– 2000-V Human-Body Model (A114-A)
Max tpd of 3.9 ns at 3.3 V
– 200-V Machine Model (A115-A)
This 36-bit universal bus transceiver is designed for 1.65-V to 3.6-V VCC operation.
This device can be used as two 18-bit transceivers or one 36-bit transceiver. Data flow in each direction is
controlled by output enable (OEAB and OEBA), latch enable (LEAB and LEBA), and clock (CLKAB and CLKBA)
inputs. For A-to-B data flow, the device operates in the transparent mode when LEAB is high. When LEAB is low,
the A data is latched if CLKAB is held at a high or low logic level. If LEAB is low, the A data is stored in the
latch/flip-flop on the low-to-high transition of CLKAB. When OEAB is high, the outputs are active. When OEAB is
low, the outputs are in the high-impedance state.
Data flow for B to A is similar to that of A to B, but uses OEBA, LEBA, and CLKBA. The output enables are
complementary (OEAB is active high and OEBA is active low).
To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a
pullup resistor, and OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor
is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
LFBGA - GKF
SN74ALVCH32501KR
-40
°C to 85°C
Tape and reel
ACH501
LFBGA - ZKF (Pb-free)
74ALVCH32501ZKFR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus+, UBT are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - 74ALVCH32501ZKFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
More results

Mô tả tương tự - 74ALVCH32501ZKFR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501_06 Datasheet
182Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32501 TI1-SN54ABT32501 Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16501 TI1-SN74ALVC16501 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501 Datasheet
154Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601 TI-SN74ALVCH16601 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com