công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34J44IRGZ25 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADC34J44IRGZ25
Giải thích chi tiết về linh kiện  ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC34J44IRGZ25 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADC34J44IRGZ25 Datasheet HTML 2Page - Texas Instruments ADC34J44IRGZ25 Datasheet HTML 3Page - Texas Instruments ADC34J44IRGZ25 Datasheet HTML 4Page - Texas Instruments ADC34J44IRGZ25 Datasheet HTML 5Page - Texas Instruments ADC34J44IRGZ25 Datasheet HTML 6Page - Texas Instruments ADC34J44IRGZ25 Datasheet HTML 7Page - Texas Instruments ADC34J44IRGZ25 Datasheet HTML 8Page - Texas Instruments ADC34J44IRGZ25 Datasheet HTML 9Page - Texas Instruments ADC34J44IRGZ25 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
ADC34J42, ADC34J43, ADC34J44, ADC34J45
SBAS664B – MAY 2014 – REVISED NOVEMBER 2014
www.ti.com
7.4 Summary of Special Mode Registers
Table 1 lists the location, value, and functions of special mode registers in the device.
Table 1. Special Modes Summary
MODE
LOCATION
VALUE AND FUNCTION
DIS DITH CHA
01h [7:6], 134h[5,3]
Creates a noise floor cleaner and improves SFDR; see the
DIS DITH CHB
01h [5:4], 434h[5,3]
Internal Dither Algorithm section.
Dither mode
0000 = Dither disabled
DIS DITH CHC
01h [3:2], 534h[5,3]
1111 = Dither enabled
DIS DITH CHD
01h [1:0], 234h[5,3]
SPECIAL MODE 1 CHA
06h[4:2]
Use for better HD3.
SPECIAL MODE 1 CHB
07h[4:2]
000 = Default after reset
Special mode 1
010 = Use for frequency < 120 MHz
SPECIAL MODE 1 CHC
08h[4:2]
111 = Use for frequency > 120 MHz
SPECIAL MODE 1 CHD
09h[4:2]
SPECIAL MODE 2 CHA
122h[1:0]
Helps improve HD2.
SPECIAL MODE 2 CHB
422h[1:0]
Special mode 2
00 = Default after reset
SPECIAL MODE 2 CHC
522h[1:0]
11 = Improves HD2
SPECIAL MODE 2 CHD
222h[1:0]
7.5 Thermal Information
ADC34J4x
THERMAL METRIC(1)
RGZ (VQFN)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
25.7
RθJC(top)
Junction-to-case (top) thermal resistance
18.9
RθJB
Junction-to-board thermal resistance
3.0
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADC34J42 ADC34J43 ADC34J44 ADC34J45


Số phần tương tự - ADC34J44IRGZ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZ25 TI1-ADC34J22IRGZ25 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZR TI1-ADC34J22IRGZR Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J22IRGZT TI1-ADC34J22IRGZT Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC34J23 TI1-ADC34J23 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
More results

Mô tả tương tự - ADC34J44IRGZ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
logo
Analog Devices
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com