công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABTH16460DLR bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
SN74ABTH16460DLR bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 10 page SN54ABTH16460, SN74ABTH16460 4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS207F – OCTOBER 1992 – REVISED MAY 1997 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) SN54ABTH16460 SN74ABTH16460 UNIT MIN MAX MIN MAX UNIT fclock Clock frequency 0 160 0 160 MHz CLKAB high or low 3.8 3.8 CLKBA high or low 4.5 4.5 tw Pulse duration LEAB1, 2, 3, or 4 high 2.2 2.2 ns LEBA high 2.1 2.1 LEB1, 2, 3, or 4 high 2.4 2.4 ↑ A bus 2.5 2.5 Before CLKAB ↑ CE_SEL0/1 3.2 3.2 CLKENAB 3.2 3.2 Before LEAB1, 2, 3, or 4 ↓ A bus 3.6 3.6 ↑ B bus 3.8 3.8 ↑ CLKENB 2.3 2.3 tsu Setup time Before CLKBA ↑ CLKENBA 2.5 2.5 ns LEB1, 2, 3, or 4 4.3 4.3 SEL0/1 4.5 4.5 Before LEB1, 2, 3, or 4 ↓ B bus 3.2 3.2 ↓ B bus 4 4 Before LEBA ↓ LEB1, 2, 3, or 4 4.4 4.4 SEL0/1 4.3 4.3 ↑ A bus 0.5 0.5 After CLKAB ↑ CE_SEL0/1 1.1 1.1 CLKENAB 0.5 0.5 After LEAB1, 2, 3, or 4 ↓ A bus 1.2 1.2 ↑ B bus 1.3 1.3 th Hold time After CLKBA ↑ CLKENB 1 1 ns After CLKBA ↑ CLKENBA 1 1 SEL0/1 0 0 After LEB1, 2, 3, or 4 ↓ B bus 1.5 1.5 After LEBA ↓ B bus 0.4 0.4 After LEBA ↓ SEL0/1 0.1 0.1 PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Số phần tương tự - SN74ABTH16460DLR |
|
Mô tả tương tự - SN74ABTH16460DLR |