công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4099B bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4099B
Giải thích chi tiết về linh kiện  CMOS 8-Bit Addressable Latch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CD4099B bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button CD4099B Datasheet HTML 2Page - Texas Instruments CD4099B Datasheet HTML 3Page - Texas Instruments CD4099B Datasheet HTML 4Page - Texas Instruments CD4099B Datasheet HTML 5Page - Texas Instruments CD4099B Datasheet HTML 6Page - Texas Instruments CD4099B Datasheet HTML 7Page - Texas Instruments CD4099B Datasheet HTML 8Page - Texas Instruments CD4099B Datasheet HTML 9Page - Texas Instruments CD4099B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Sep-2015
Addendum-Page 2
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD4099B, CD4099B-MIL :
Catalog: CD4099B
Military: CD4099B-MIL
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Military - QML certified for Military and Defense Applications


Số phần tương tự - CD4099B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4099B TI-CD4099B Datasheet
237Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4099B TI-CD4099B Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4099B TI-CD4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Fairchild Semiconductor
CD4099BC FAIRCHILD-CD4099BC Datasheet
53Kb / 6P
   8-Bit Addressable Latch
CD4099BCN FAIRCHILD-CD4099BCN Datasheet
53Kb / 6P
   8-Bit Addressable Latch
More results

Mô tả tương tự - CD4099B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
logo
Renesas Technology Corp
CD4099BMS RENESAS-CD4099BMS Datasheet
409Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Intersil Corporation
CD4724BMS INTERSIL-CD4724BMS Datasheet
109Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
logo
Intersil Corporation
CD4099BMS INTERSIL-CD4099BMS Datasheet
110Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4724B TI-CD4724B_13 Datasheet
1,013Kb / 13P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4099B TI-CD4099B Datasheet
237Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com