công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4069UBE bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
CD4069UBE bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 30 page VDD p n VDD VSS 1 (3, 5, 9, 11, 13) A 2 (4, 6, 8, 10, 12) G G = A Supply Voltage (V) 0 5 10 15 20 25 0 20 40 60 80 100 120 140 D037 CL = 15 pF CL = 50 pF Drain-to-Source Voltage (V) -25 -20 -15 -10 -5 0 -20 -15 -10 -5 0 D004 Gate-to-Source Voltage = -5 V Gate-to-Source Voltage = -10 V Gate-to-Source Voltage = -15 V Load Capacitance (pF) 0 20 40 60 80 100 120 140 150 0 20 40 60 80 100 120 D036 VDD = 5 V VDD = 10 V VDD = 15 V 9 CD4069UB www.ti.com SCHS054D – NOVEMBER 1998 – REVISED FEBRUARY 2016 Product Folder Links: CD4069UB Submit Documentation Feedback Copyright © 1998–2016, Texas Instruments Incorporated Typical Characteristics (continued) Figure 7. Minimum Output High (Source) Current Characteristics Figure 8. Typical Propagation Delay Time vs Load Capacitance Figure 9. Typical Propagation Delay Time vs Supply Voltage 7 Parameter Measurement Information Figure 10. Schematic Diagram of One of Six Identical Inverters |
Số phần tương tự - CD4069UBE |
|
Mô tả tương tự - CD4069UBE |