công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4049UBF3A bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
CD4049UBF3A bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 37 page 5 Input Capacitance, CIN CD4049UB - - 15 22.5 pF Input Capacitance, CIN CD4050B - - 5 7.5 pF AC Electrical Specifications TA = 25 oC, Input t r, tf = 20ns, CL = 50pF, RL = 200kΩ (Continued) PARAMETER TEST CONDITIONS LIMITS (ALL PACKAGES) UNITS VIN VCC TYP MAX Typical Performance Curves FIGURE 2. MINIMUM AND MAXIMUM VOLTAGE TRANSFER CHARACTERISTICS FOR CD4049UB FIGURE 3. MINIMUM AND MAXIMUM VOLTAGE TRANSFER CHARACTERISTICS FOR CD4050B FIGURE 4. TYPICAL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS FIGURE 5. MINIMUM OUTPUT LOW (SINK) CURRENT DRAIN CHARACTERISTICS 5 4 3 2 1 01234 VI, INPUT VOLTAGE (V) TA = 25 oC SUPPLY VOLTAGE (VCC) = 5V MAXIMUM MINIMUM 5 4 3 2 1 01 2 3 4 VI, INPUT VOLTAGE (V) TA = 25 oC SUPPLY VOLTAGE (VCC) = 5V MAXIMUM MINIMUM 50 40 30 20 10 0 1234 VDS, DRAIN TO SOURCE VOLTAGE (V) TA = 25 oC GATE TO SOURCE VOLTAGE (VGS) = 5V 10V 15V 60 70 5678 50 40 30 20 10 0 1234 VDS, DRAIN TO SOURCE VOLTAGE (V) TA = 25 oC GATE TO SOURCE VOLTAGE (VGS) = 5V 10V 15V 60 70 5678 CD4049UB, CD4050B |
Số phần tương tự - CD4049UBF3A |
|
Mô tả tương tự - CD4049UBF3A |