công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD40106BM bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD40106BM
Giải thích chi tiết về linh kiện  CMOS Hex Schmitt Triggers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CD40106BM bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button CD40106BM Datasheet HTML 2Page - Texas Instruments CD40106BM Datasheet HTML 3Page - Texas Instruments CD40106BM Datasheet HTML 4Page - Texas Instruments CD40106BM Datasheet HTML 5Page - Texas Instruments CD40106BM Datasheet HTML 6Page - Texas Instruments CD40106BM Datasheet HTML 7Page - Texas Instruments CD40106BM Datasheet HTML 8Page - Texas Instruments CD40106BM Datasheet HTML 9Page - Texas Instruments CD40106BM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD40106BPWRG4
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0106B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD40106B, CD40106B-MIL :


Số phần tương tự - CD40106BM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
logo
Texas Instruments
CD40106BM TI-CD40106BM Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
CD40106BM TI-CD40106BM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BM96 TI-CD40106BM96 Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
CD40106BM96 TI-CD40106BM96 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
More results

Mô tả tương tự - CD40106BM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
   CMOS Hex Schmitt Triggers
December 1992
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BMG4 TI-CD40106BMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
CD40106B TI-CD40106B Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
   Hex Inverting Schmitt Triggers
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
   Hex Inverting Schmitt Triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com