công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N6291A bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện 1N6291A
Giải thích chi tiết về linh kiện  1500 Watt MosorbE Zener Transient Voltage Transient Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N6291A bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  1N6291A Datasheet HTML 1Page - ON Semiconductor 1N6291A Datasheet HTML 2Page - ON Semiconductor 1N6291A Datasheet HTML 3Page - ON Semiconductor 1N6291A Datasheet HTML 4Page - ON Semiconductor 1N6291A Datasheet HTML 5Page - ON Semiconductor 1N6291A Datasheet HTML 6Page - ON Semiconductor 1N6291A Datasheet HTML 7Page - ON Semiconductor 1N6291A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
June, 2002 – Rev. 5
1
Publication Order Number:
1N6267A/D
1N6267A Series
1500 Watt Mosorb™ Zener
Transient Voltage
Suppressors
Unidirectional*
Mosorb devices are designed to protect voltage sensitive
components from high voltage, high–energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. These devices are
ON Semiconductor’s exclusive, cost-effective, highly reliable
Surmetic
™ axial leaded package and are ideally-suited for use in
communication systems, numerical controls, process controls,
medical equipment, business machines, power supplies and many
other industrial/consumer applications, to protect CMOS, MOS and
Bipolar integrated circuits.
Specification Features:
Working Peak Reverse Voltage Range – 5.8 V to 214 V
Peak Power – 1500 Watts @ 1 ms
ESD Rating of Class 3 (>16 KV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5 mA Above 10 V
UL 497B for Isolated Loop Circuit Protection
Response Time is Typically < 1 ns
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230
°C, 1/16″ from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1)
@ TL ≤ 25°C
PPK
1500
Watts
Steady State Power Dissipation
@ TL ≤ 75°C, Lead Length = 3/8″
Derated above TL = 75°C
PD
5.0
20
Watts
mW/
°C
Thermal Resistance, Junction–to–Lead
RqJL
20
°C/W
Forward Surge Current (Note 2)
@ TA = 25°C
IFSM
200
Amps
Operating and Storage
Temperature Range
TJ, Tstg
– 65 to
+175
°C
1. Nonrepetitive current pulse per Figure 5 and derated above TA = 25°C per
Figure 2.
2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses
per minute maximum.
*Please see 1.5KE6.8CA to 1.5KE250CA for Bidirectional Devices
Devices listed in
bold, italic are ON Semiconductor
Preferred devices. Preferred devices are recommended
choices for future use and best overall value.
AXIAL LEAD
CASE 41A
PLASTIC
L = Assembly Location
1N6xxxA = JEDEC Device Code
1.5KExxxA = ON Device Code
YY = Year
WW = Work Week
Cathode
Anode
Device
Package
Shipping
ORDERING INFORMATION
1.5KExxxA
Axial Lead
500 Units/Box
1.5KExxxARL4
Axial Lead
1500/Tape & Reel
1N6xxxA
Axial Lead
500 Units/Box
1N6xxxARL4*
Axial Lead
1500/Tape & Reel
L
1N6
xxxA
1.5KE
xxxA
YYWW
http://onsemi.com
*1N6302A Not Available in 1500/Tape & Reel


Số phần tương tự - 1N6291A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transys Electronics
1N6291A TRSYS-1N6291A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
1N6291A BILIN-1N6291A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6291A VISHAY-1N6291A Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Dc Components
1N6291A DCCOM-1N6291A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6291A VISHAY-1N6291A Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Mô tả tương tự - 1N6291A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com