công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8506IDWG4 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS8506IDWG4
Giải thích chi tiết về linh kiện  12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8506IDWG4 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS8506IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 9Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 10Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 11Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 12Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 13Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 14Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS8506
+5 V
+
+
Convert Pulse
40 ns Min
200
0.1
µF
10
µF
100
+
2.2
µF
66.5 k
+5 V
Parallel Output
B7
B8
B9
B10
B11
(MSB)
Pin 21
LOW
B1
B2
B3
Pin 21
HIGH
NC(1)
B4
B5
B6
B0
(LSB)
B2
BUSY
R/C
BYTE
± 10 V
2.2
µF
SERIAL OUTPUT
ADS8506
SLAS484B – SEPTEMBER 2007 – REVISED DECEMBER 2007
LOW until the conversion is completed and the output register is updated. If BYTE (pin 21) is LOW, the eight
most significant bits (MSBs) will be valid when BUSY rises; if BYTE is HIGH, the four least significant bits (LSBs)
will be valid when BUSY rises. Data will be output in binary 2's complement (BTC) format. BUSY going HIGH
can be used to latch the data. After the first byte has been read, BYTE can be toggled allowing the remaining
byte to be read. All convert commands will be ignored while BUSY is LOW.
The ADS8506 begins tracking the input signal at the end of the conversion. Allowing 25
µs between convert
commands assures accurate acquisition of a new signal.
The offset and gain are adjusted internally to allow external trimming with a single supply. The external resistors
compensate for this adjustment and can be left out if the offset and gain will be corrected in software (refer to the
Calibration section).
Figure 31. Basic ±10-V Operation, Both Parallel and Serial Output
Figure 32 shows a basic circuit to operate the ADS8506 with a ±10-V input range and serial output. Taking R/C
(pin 22) LOW for 40 ns (12
µs max) will initiate a conversion and output valid data from the previous conversion
on SDATA (pin 19) synchronized to 12 clock pulses output on DATACLK (pin 18). BUSY (pin 24) will go LOW
and stay LOW until the conversion is completed and the serial data has been transmitted. Data will be output in
BTC format, MSB first, and will be valid on both the rising and falling edges of the data clock. BUSY going HIGH
can be used to latch the data. All convert commands will be ignored while BUSY is LOW.
The ADS8506 begins tracking the input signal at the end of the conversion. Allowing 25
µs between convert
commands assures accurate acquisition of a new signal.
The offset and gain are adjusted internally to allow external trimming with a single supply. The external resistors
compensate for this adjustment and can be left out if the offset and gain are corrected in software (refer to the
Calibration section).
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8506


Số phần tương tự - ADS8506IDWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8506IDW BURR-BROWN-ADS8506IDW Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IDWR BURR-BROWN-ADS8506IDWR Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Mô tả tương tự - ADS8506IDWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com