công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8506IDWG4 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS8506IDWG4
Giải thích chi tiết về linh kiện  12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8506IDWG4 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS8506IDWG4 Datasheet HTML 1Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 2Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 3Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 4Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 5Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 6Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
ADS8506
SLAS484B – SEPTEMBER 2007 – REVISED DECEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
At TA = -40°C to 85°C, fS = 40 kHz, VDIG = VANA = 5 V, and using internal reference and fixed resistors, (see Figure 43) unless
otherwise specified.
ADS8506IB
ADS8506I
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DNL
Differential linearity error
-0.45
±0.15
0.45
-0.9
±0.15
0.9
LSB
No missing codes
12
12
Bits
Transition noise(2)
0.1
0.1
LSB
Gain Error
±0.1
±0.2
%
Full scale error(3)(4)
-0.25
0.25
-0.5
0.5
%
Full scale error drift
±5
±7
ppm/
°C
Full scale error(3)(4)
Ext. 2.5-V Ref
-0.25
0.25
-0.5
0.5
%
Full scale error drift
Ext. 2.5-V Ref
±0.5
±0.5
ppm/
°C
Bipolar zero error(3)
±10 V Range
-10
10
-10
10
mV
Bipolar zero error drift
±10 V Range
±0.5
±0.5
ppm/
°C
Unipolar zero error(3)
0 V to 5 V, 0 V to 4 V Ranges
-3
3
-3
3
mV
Unipolar zero error drift
0 V to 5 V, 0 V to 4 V Ranges
±0.5
±0.5
ppm/
°C
Recovery time to rated accuracy
1
2.2-
µF Capacitor to CAP
1
ms
from power down(5)
Power supply sensitivity
+4.75 V < VS < +5.25 V
±0.5
±0.5
LSB
(VDIG = VANA = VS)
AC ACCURACY
SFDR
Spurious-free dynamic range
fIN = 10 kHz, ±10 V
80
98
80
98
dB(6)
THD
Total harmonic distortion
fIN = 10 kHz, ±10 V
-96
-80
-96
-80
dB
fIN = 10 kHz, ±10 V
72
73.9
70
73.9
SINAD
Signal-to-(noise+distortion)
dB
-60 dB Input
32
32
SNR
Signal-to-noise
72
74
70
74
dB
Usable bandwidth(7)
fIN = 10 kHz, ±10 V
130
130
kHz
Full-power bandwidth (-3 dB)
600
600
kHz
SAMPLING DYNAMICS
Aperture delay
40
40
ns
Aperture jitter
20
20
ps
Transient response
FS Step
5
5
µs
Overvoltage recovery(8)
750
750
ns
REFERENCE
Internal reference voltage
No load
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal reference source current
1
1
µA
(must use external buffer)
Internal reference drift
8
8
ppm/
°C
External reference voltage range
2.3
2.5
2.7
2.3
2.5
2.7
V
for specified linearity
External reference current drain
Ext. 2.5-V Ref
100
100
µA
DIGITAL INPUTS
VIL
Low-level input voltage
-0.3
+0.8
-0.3
+0.8
V
VIH
High-level input voltage
2.0
VD +0.3 V
2.0
VD +0.3 V
V
IIL
Low-level input current
VIL = 0 V
±10
±10
µA
IIH
High-level input current
VIH = 5 V
±10
±10
µA
DIGITAL OUTPUTS
(2)
Typical rms noise at worst case transitions.
(3)
As measured with fixed resistors, see Figure 43. Adjustable to zero with external potentiometer.
(4)
Full scale error is the worst case of -Full Scale or +Full Scale untrimmed deviation from ideal first and last code transitions, divided by
the transition voltage (not divided by the full-scale range) and includes the effect of offset error.
(5)
This is the time delay after the ADS8506 is brought out of Power-Down mode until all internal settling occurs and the analog input is
acquired to rated accuracy. A Convert command after this delay will yield accurate results.
(6)
All specifications in dB are referred to a full-scale input.
(7)
Usable bandwidth defined as full-scale input frequency at which Signal-to-(Noise + Distortion) degrades to 60 dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8506


Số phần tương tự - ADS8506IDWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8506IDW BURR-BROWN-ADS8506IDW Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IDWR BURR-BROWN-ADS8506IDWR Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Mô tả tương tự - ADS8506IDWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com