công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8329IPWR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8329IPWR
Giải thích chi tiết về linh kiện  LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8329IPWR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS8329IPWR Datasheet HTML 2Page - Texas Instruments ADS8329IPWR Datasheet HTML 3Page - Texas Instruments ADS8329IPWR Datasheet HTML 4Page - Texas Instruments ADS8329IPWR Datasheet HTML 5Page - Texas Instruments ADS8329IPWR Datasheet HTML 6Page - Texas Instruments ADS8329IPWR Datasheet HTML 7Page - Texas Instruments ADS8329IPWR Datasheet HTML 8Page - Texas Instruments ADS8329IPWR Datasheet HTML 9Page - Texas Instruments ADS8329IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
ADS8329
ADS8330
SLAS516C – DECEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C, +VA = 2.7 V to 3.6 V, +VBD = 1.65 V to 1.5×(+VA), VREF = 2.5 V, fSAMPLE = 1 MHz for 3 V ≤ +VA ≤ 3.6 V,
fSAMPLE = 900 kHz for 3 V < +VA ≤ 2.7 V using external clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
VIN = 2.5 VPP at 10 kHz
–102
THD
Total harmonic distortion(4)
dB
VIN = 2.5 VPP at 100 kHz
–93
VIN = 2.5 VPP at 10 kHz
89
SNR
Signal-to-noise ratio
dB
VIN = 2.5 VPP at 100 kHz
88
VIN = 2.5 VPP at 10 kHz
88.5
SINAD
Signal-to-noise + distortion
dB
VIN = 2.5 VPP at 100 kHz
88
VIN = 2.5 VPP at 10 kHz
104
SFDR
Spurious-free dynamic range
dB
VIN = 2.5 VPP at 100 kHz
94.2
–3dB small-signal bandwidth
30
MHz
CLOCK
Internal conversion clock frequency
21
22.3
23.5
MHz
Used as I/O clock only
42
SCLK external serial clock
MHz
As I/O clock and conversion clock
1
42
EXTERNAL VOLTAGE REFERENCE INPUT
fSAMPLE ≤ 500kSPS,
0.3
2.525
2.7 V
≤ +VA < 3V
fSAMPLE ≤ 500kSPS,
0.3
3
3 V
≤ +VA < 3.6V
VREF[(REF+) –
Input reference
(REF–)]
VREF
fSAMPLE > 500kSPS,
V
range
2.475
2.525
2.7 V
≤ +VA < 3V
fSAMPLE > 500kSPS,
2.475
3
3 V
≤ +VA ≤ 3.6V
(REF–) – AGND
–0.1
0.1
Resistance(5)
Reference input
40
k
DIGITAL INPUT/OUTPUT
Logic family—CMOS
VIH
High-level input voltage
(+VA × 1.5) V
≥ +VBD ≥ 1.65 V
0.65 × (+VBD)
+VBD + 0.3
V
VIL
Low-level input voltage
(+VA × 1.5) V
≥ +VBD ≥ 1.65 V
–0.3
0.35 × (+VBD)
V
II
Input current
VI = +VBD or BDGND
–50
50
nA
CI
Input capacitance
5
pF
(+VA × 1.5) V
≥ +VBD ≥ 1.65 V,
VOH
High-level output voltage
+VBD – 0.6
+VBD
V
IO = 100 µA
(+VA × 1.5) V
≥ +VBD ≥ 1.65 V,
VOL
Low-level output voltage
0
0.4
V
IO = 100 µA
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format—straight binary
(4)
Calculated on the first nine harmonics of the input frequency.
(5)
Can vary ±30%.
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8329 ADS8330


Số phần tương tự - ADS8329IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8329IPWR TI-ADS8329IPWR Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329IPWR TI1-ADS8329IPWR Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Mô tả tương tự - ADS8329IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com