công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8325IBDRBRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS8325IBDRBRG4
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8325IBDRBRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8325IBDRBRG4 Datasheet HTML 1Page - Texas Instruments ADS8325IBDRBRG4 Datasheet HTML 2Page - Texas Instruments ADS8325IBDRBRG4 Datasheet HTML 3Page - Texas Instruments ADS8325IBDRBRG4 Datasheet HTML 4Page - Texas Instruments ADS8325IBDRBRG4 Datasheet HTML 5Page - Texas Instruments ADS8325IBDRBRG4 Datasheet HTML 6Page - Texas Instruments ADS8325IBDRBRG4 Datasheet HTML 7Page - Texas Instruments ADS8325IBDRBRG4 Datasheet HTML 8Page - Texas Instruments ADS8325IBDRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
BurrBrown Products
from Texas Instruments
ADS8325
ADS8325
1
FEATURES
DESCRIPTION
APPLICATIONS
SAR
Serial
Interface
Comparator
ADS8325
S/HAmp
DCLOCK
D
OUT
CS/SHDN
+IN
REF
-IN
CDAC
ADS8325
SBAS226C – MARCH 2002 – REVISED AUGUST 2007
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ANALOG-TO-DIGITAL CONVERTER
23
• 16-Bits No Missing Codes
The ADS8325 is a 16-bit, sampling, Analog-to-Digital
(A/D) converter specified for a supply voltage range
• Very Low Noise: 3LSB
PP
from 2.7V to 5.5V. It requires very little power, even
• Excellent Linearity: ±1.5LSB typ
when operating at the full 100kHz data rate. At lower
• microPower:
data rates, the high speed of the device enables it to
4.5mW at 100kHz
spend most of its time in the power-down mode. For
example, the average power dissipation is less than
1mW at 10kHz
1mW at a 10kHz data rate.
• MSOP-8 and SON-8 Packages (SON Package
The ADS8325 offers excellent linearity and very low
Size Same as 3x3 QFN)
noise and distortion. It also features a synchronous
• 16-Bit Upgrade to the 12-Bit ADS7816 and
serial (SPI/SSI compatible) interface and a differential
ADS7822
input. The reference voltage can be set to any level
• Pin-Compatible With the ADS7816, ADS7822,
within the range of 2.5V to VDD.
ADS7826, ADS7827, ADS7829, and ADS8320
Low power and small size make the ADS8325 ideal
• Serial (SPI™/SSI) Interfaces
for portable and battery-operated systems. It is also a
perfect fit for remote data acquisition modules,
simultaneous multichannel systems, and isolated
data
acquisition.
The
ADS8325
is
available
in
• Battery-Operated Systems
MSOP-8 and SON-8 packages. The SON package
• Remote Data Acquisition
size is the same as a 3x3 QFN package.
• Isolated Data Acquisition
• Simultaneous Sampling, Multi-Channel
Systems
• Industrial Controls
• Robotics
• Vibration Analysis
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8325IBDRBRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8325IBDRBR BURR-BROWN-ADS8325IBDRBR Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8325IBDRBRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com