công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8320SHKQ bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8320SHKQ
Giải thích chi tiết về linh kiện  16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8320SHKQ bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS8320SHKQ Datasheet HTML 3Page - Texas Instruments ADS8320SHKQ Datasheet HTML 4Page - Texas Instruments ADS8320SHKQ Datasheet HTML 5Page - Texas Instruments ADS8320SHKQ Datasheet HTML 6Page - Texas Instruments ADS8320SHKQ Datasheet HTML 7Page - Texas Instruments ADS8320SHKQ Datasheet HTML 8Page - Texas Instruments ADS8320SHKQ Datasheet HTML 9Page - Texas Instruments ADS8320SHKQ Datasheet HTML 10Page - Texas Instruments ADS8320SHKQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
HKQ PACKAGE
(TOP VIEW)
8
5
4
1
HKQ as formed or HKJ mounted dead bug
V
REF
+IN
-IN
GND
+V
CC
DCLOCK
D
OUT
CS/SHDN
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+IN
–IN
GND
ADS8320
HKJ PACKAGE
(TOP VIEW)
ADS8320-HT
www.ti.com
SBAS521B – DECEMBER 2010 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
VCC = 5 V, VREF = 5 V, -IN = GND, fSAMPLE = 100 kHz and fCLK = 24 x fSAMPLE, unless otherwise noted.
CONDITIONS
TA = -55°C to 125°C
TA = 210°C
(1)
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
Power Supply Requirements
VCC
Specified performance
4.75
5.25
4.75
5.25
V
VCC range
(3)
2
5.25
2
5.25
V
1150
1700
850
1700
Quiescent current
µA
fSAMPLE = 10 kHz
(4) (5)
200
200
Power dissipation
5.5
8.5
4.5
8.5
mW
Power-down
CS = VCC
0.3
3
5
µA
Temperature Range
Specified performance
-55
125
-55
210
°C
(3)
See the Typical Performance Curves for more information.
(4)
fCLK = 2.4 MHz, CS = VCC for 216 clock cycles out of every 240.
(5)
See the Power Dissipation section for more information regarding lower sample rates.
PIN CONFIGURATION
PIN ASSIGNMENTS
PIN #
NAME
DESCRIPTION
1
VREF
Reference input
2
+IN
Noninverting input
3
-IN
Inverting input. Connect to ground or to remote ground sense point.
4
GND
Ground
5
CS/SHDN
Chip select when LOW, shutdown mode when HIGH.
The serial output data word is comprised of 16 bits of data. In operation the data is valid on the falling edge of DCLOCK. The
6
DOUT
second clock pulse after the falling edge of CS enables the serial output. After one null bit the data is valid for the next 16
edges.
7
DCLOCK
Data clock synchronizes the serial data transfer and determines conversion speed.
8
+VCC
Power supply
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS8320-HT


Số phần tương tự - ADS8320SHKQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8320SHKQ TI1-ADS8320SHKQ Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8320SHKQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7826 TI-ADS7826 Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com