công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7822UC bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7822UC
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7822UC bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS7822UC Datasheet HTML 1Page - Texas Instruments ADS7822UC Datasheet HTML 2Page - Texas Instruments ADS7822UC Datasheet HTML 3Page - Texas Instruments ADS7822UC Datasheet HTML 4Page - Texas Instruments ADS7822UC Datasheet HTML 5Page - Texas Instruments ADS7822UC Datasheet HTML 6Page - Texas Instruments ADS7822UC Datasheet HTML 7Page - Texas Instruments ADS7822UC Datasheet HTML 8Page - Texas Instruments ADS7822UC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: +VCC = +5V
ADS7822
SBAS062C – JANUARY 1996 – REVISED AUGUST 2007
At –40
°C to +85°C, +V
CC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 × fSAMPLE, unless otherwise noted.
ADS7822
ADS7822B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG INPUT
Full-scale input span
+In – (–In)
0
VREF
0
VREF
V
+In – GND
–0.2
VCC + 0.2
–0.2
VCC + 0.2
V
Absolute input range
–In – GND
–0.2
+1.0
–0.2
+1.0
V
Capacitance
25
25
pF
Leakage current
±1
±1
μA
SYSTEM PERFORMANCE
Resolution
12
12
Bits
No missing codes
11
12
Bits
Integral linearity error
–2
+2
–1
+1
LSB
(1)
Differential linearity error
±0.8
–1
±0.5
+1
LSB
Offset error
–3
+3
–3
+3
LSB
Gain error
–4
+4
–3
+3
LSB
Noise
33
33
μVrms
Power-supply rejection
70
70
dB
SAMPLING DYNAMICS
Conversion time
12
12
Clk Cycles
Acquisition time
1.5
1.5
Clk Cycles
Throughput rate
200
200
kHz
DYNAMIC CHARACTERISTICS
Total harmonic distortion
VIN = 5VPP at 10kHz
–78
–78
dB
SINAD
VIN = 5VPP at 10kHz
71
71
dB
Spurious-free dynamic range
VIN = 5VPP at 10kHz
79
79
dB
REFERENCE OUTPUT
Voltage range
0.05
VCC
0.05
VCC
V
CS = GND, fSAMPLE = 0Hz
5
5
G
Resistance
CS = VCC
5
5
G
At code 710h
40
100
40
100
μA
Current drain
fSAMPLE = 12.5kHz
2.5
2.5
μA
CS = VCC
0.001
3
0.001
3
μA
DIGITAL INPUT/OUTPUT
Logic family
CMOS
CMOS
VIH
IIH = +5μA
3.0
5.5
3.0
5.5
V
VIL
IIL = +5μA
–0.3
0.8
–0.3
0.8
V
Logic levels
VOH
IOH = –250μA
3.5
3.5
V
VOL
IOL = 250μA
0.4
0.4
V
Data format
Straight Binary
Straight Binary
POWER-SUPPLY REQUIREMENTS
VCC
Specified performance
4.75
5.25
4.75
5.25
V
Quienscent current
fSAMPLE = 200kHz
320
550
320
550
μA
Power down
CS = VCC
3
3
μA
TEMPERATURE RANGE
Specified performance
–40
+85
–40
+85
°C
(1)
LSB means least significant bit. With VREF equal to +5V, one LSB is 1.22mV.
4
Submit Documentation Feedback
Copyright © 1996–2007, Texas Instruments Incorporated
Product Folder Link(s): ADS7822


Số phần tương tự - ADS7822UC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7822UC TI-ADS7822UC Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822UC/2K5 TI-ADS7822UC/2K5 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822UC/2K5G4 TI-ADS7822UC/2K5G4 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7822UC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com