công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7822P bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS7822P
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7822P bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS7822P Datasheet HTML 1Page - Texas Instruments ADS7822P Datasheet HTML 2Page - Texas Instruments ADS7822P Datasheet HTML 3Page - Texas Instruments ADS7822P Datasheet HTML 4Page - Texas Instruments ADS7822P Datasheet HTML 5Page - Texas Instruments ADS7822P Datasheet HTML 6Page - Texas Instruments ADS7822P Datasheet HTML 7Page - Texas Instruments ADS7822P Datasheet HTML 8Page - Texas Instruments ADS7822P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BurrBrown Products
from Texas Instruments
ADS7822
ADS7822
1
FEATURES
DESCRIPTION
APPLICATIONS
SAR
Control
Serial
Interface
D
OUT
Comparator
S/HAmp
CS/SHDN
DCLOCK
+In
V
REF
-In
CDAC
ADS7822
SBAS062C – JANUARY 1996 – REVISED AUGUST 2007
12-Bit, 200kHz, microPower Sampling
ANALOG-TO-DIGITAL CONVERTER
2
• 200kHz Sampling Rate
• microPower:
The ADS7822 is a 12-bit sampling analog-to-digital
(A/D) converter with ensured specifications over a
1.6mW at 200kHz
2.7V to 5.25V supply range. It requires very little
0.54mW at 75kHz
power even when operating at the full 200kHz rate. At
0.06mW at 7.5kHz
lower conversion rates, the high speed of the device
• Power Down: 3μA max
enables
it
to
spend
most
of
its
time
in
the
• Mini-DIP-8, SO-8, and MSOP-8 Packages
power-down mode—the power dissipation is less
than 60
μW at 7.5kHz.
• Pseudo-Differential Input
• Serial Interface
The ADS7822 also features operation from 2.0V to
5V,
a
synchronous
serial
interface,
and
a
pseudo-differential input. The reference voltage can
be set to any level within the range of 50mV to VCC.
• Battery-Operated Systems
Ultra low power and small size make the ADS7822
• Remote Data Acquisition
ideal for battery-operated systems. It is also a perfect
• Isolated Data Acquisition
fit for remote data-acquisition modules, simultaneous
• Simultaneous Sampling, Multichannel Systems
multichannel systems, and isolated data acquisition.
The ADS7822 is available in a plastic mini-DIP-8, an
SO-8, or an MSOP-8 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS7822P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7822P TI-ADS7822P Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822PB TI-ADS7822PB Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822PC TI-ADS7822PC Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7822P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com