công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7824U bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7824U
Giải thích chi tiết về linh kiện  4 Channel, 12-Bit Sampling CMOS A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7824U bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS7824U Datasheet HTML 1Page - Texas Instruments ADS7824U Datasheet HTML 2Page - Texas Instruments ADS7824U Datasheet HTML 3Page - Texas Instruments ADS7824U Datasheet HTML 4Page - Texas Instruments ADS7824U Datasheet HTML 5Page - Texas Instruments ADS7824U Datasheet HTML 6Page - Texas Instruments ADS7824U Datasheet HTML 7Page - Texas Instruments ADS7824U Datasheet HTML 8Page - Texas Instruments ADS7824U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
ADS7824
CDAC
6k
Internal
+2.5V Ref
Clock
BUSY
DATACLK
SDATA
D7-D0
BYTE
R/C
CS
PWRD
Successive Approximation Register
and Control Logic
Serial
Data
Out
or
Parallel
Data
Out
Comparator
Buffer
Continuous Conversion
Channel
REF
CAP
A0
CONTC
A1
40k
AIN
2
40k
AIN
1
40k
AIN
0
40k
AIN
3
20k
8k
20k
8k
20k
8k
20k
8k
8
4 Channel, 12-Bit Sampling CMOS A/D Converter
FEATURES
q 25
µs max SAMPLING AND CONVERSION
q SINGLE +5V SUPPLY OPERATION
q PIN-COMPATIBLE WITH 16-BIT ADS7825
q PARALLEL AND SERIAL DATA OUTPUT
q 28-PIN 0.3" PLASTIC DIP AND SOIC
q
±0.5 LSB max INL AND DNL
q 50mW max POWER DISSIPATION
q 50
µW POWER DOWN MODE
q
±10V INPUT RANGE, FOUR CHANNEL
MULTIPLEXER
q CONTINUOUS CONVERSION MODE
ADS7824
DESCRIPTION
The ADS7824 can acquire and convert 12 bits to
within
±0.5 LSB in 25µs max while consuming only
50mW max. Laser-trimmed scaling resistors provide
the standard industrial
±10V input range and channel-
to-channel matching of
±0.1%. The ADS7824 is a
low-power 12-bit sampling A/D with a four channel
input multiplexer, S/H, clock, reference, and a
parallel/serial microprocessor interface. It can be con-
figured in a continuous conversion mode to sequen-
tially digitize all four channels. The 28-pin ADS7824
is available in a plastic 0.3" DIP and in a SOIC, both
fully specified for operation over the industrial –40
°C
to +85
°C range.
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ADS7824
ADS7824
www.burr-brown.com/databook/ADS7824.html
©1996 Burr-Brown Corporation
PDS-1303B
Printed in U.S.A. October, 1997
SBAS044


Số phần tương tự - ADS7824U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7824U BURR-BROWN-ADS7824U Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UB BURR-BROWN-ADS7824UB Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results

Mô tả tương tự - ADS7824U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com