công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7821U bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS7821U
Giải thích chi tiết về linh kiện  ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7821U bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS7821U Datasheet HTML 3Page - Texas Instruments ADS7821U Datasheet HTML 4Page - Texas Instruments ADS7821U Datasheet HTML 5Page - Texas Instruments ADS7821U Datasheet HTML 6Page - Texas Instruments ADS7821U Datasheet HTML 7Page - Texas Instruments ADS7821U Datasheet HTML 8Page - Texas Instruments ADS7821U Datasheet HTML 9Page - Texas Instruments ADS7821U Datasheet HTML 10Page - Texas Instruments ADS7821U Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
ADS7821
READING DATA
The ADS7821 outputs full or byte-reading parallel data in
Straight Binary data output format. The parallel output will
be active when R/C (pin 24) is HIGH and CS (pin 25) is
LOW. Any other combination of CS and R/C will tri-state
the parallel output. Valid conversion data can be read in a
full parallel, 16-bit word or two 8-bit bytes on pins 6-13 and
pins 15-22. BYTE (pin 23) can be toggled to read both bytes
within one conversion cycle. Refer to Table III for ideal
output codes and Figure 2 for bit locations relative to the
state of BYTE.
PARALLEL OUTPUT (During a Conversion)
After conversion ‘n’ has been initiated, valid data from
conversion ‘n-1’ can be read and will be valid up to 5
µs after
the start of conversion ‘n’. Do not attempt to read data from
5
µs after the start of conversion ‘n’ until BUSY (pin 26)
goes HIGH; this may result in reading invalid data. Refer to
Table IV and Figures 3 through 5 for timing specifications.
Note! For the best possible performance, data should not be
read during a conversion. The switching noise of the asyn-
chronous data transfer can cause digital feedthrough degrad-
ing the converter’s performance.
The number of control lines can be reduced by tying CS
LOW while using R/C to initiate conversions and activate
the output mode of the converter. See Figure 3.
DIGITAL OUTPUT
STRAIGHT BINARY
DESCRIPTION
ANALOG INPUT
BINARY CODE
HEX CODE
Full Scale Range
0 to +5V
Least Significant
76
µV
Bit (LSB)
Full Scale
4.999924V
1111 1111 1111 1111
FFFF
Midscale
2.5V
1000 0000 0000 0000
8000
One LSB below
2.499924V
0111 1111 1111 1111
7FFF
Midscale
Zero Scale
0V
0000 0000 0000 0000
0000
Table III. Ideal Input Voltages and Output Codes.
PARALLEL OUTPUT (After a Conversion)
After conversion ‘n’ is completed and the output registers
have been updated, BUSY (pin 26) will go HIGH. Valid data
from conversion ‘n’ will be available on D15-D0 (pin 6-13
and 15-22). BUSY going HIGH can be used to latch the
data. Refer to Table IV and Figures 3 through 5 for timing
specifications.
FIGURE 2. Bit Locations Relative to State of BYTE (pin 23).
Bit 0 (LSB)
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 15 (MSB)
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
6
7
8
9
10
11
12
13
14
23
22
21
20
19
18
17
16
15
ADS7821
BYTE LOW
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Bit 14
Bit 15 (MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
6
7
8
9
10
11
12
13
14
23
22
21
20
19
18
17
16
15
ADS7821
BYTE HIGH
+5V
SYMBOL
DESCRIPTION
MIN
TYP MAX UNITS
t1
Convert Pulse Width
40
5000
ns
t2
Data Valid Delay
8
µs
after Start of Conversion
t3
BUSY Delay
65
ns
from Start of Conversion
t4
BUSY LOW
8
µs
t5
BUSY Delay after
220
ns
End of Conversion
t6
Aperture Delay
40
ns
t7
Conversion Time
7.6
8
µs
t8
Acquisition Time
2
µs
t9
Bus Relinquish Time
10
35
83
ns
t10
BUSY Delay after Data Valid
50
200
ns
t11
Previous Data Valid
5
µs
after Start of Conversion
t7 + t6
Throughput Time
9
10
µs
t12
R/C to CS Setup Time
10
ns
t13
Time Between Conversions
10
µs
t14
Bus Access Time
10
83
ns
and BYTE Delay
TABLE IV. Conversion Timing.


Số phần tương tự - ADS7821U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7821U BURR-BROWN-ADS7821U Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821UB BURR-BROWN-ADS7821UB Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7821U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com