công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7820PB bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS7820PB
Giải thích chi tiết về linh kiện  ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7820PB bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS7820PB Datasheet HTML 2Page - Texas Instruments ADS7820PB Datasheet HTML 3Page - Texas Instruments ADS7820PB Datasheet HTML 4Page - Texas Instruments ADS7820PB Datasheet HTML 5Page - Texas Instruments ADS7820PB Datasheet HTML 6Page - Texas Instruments ADS7820PB Datasheet HTML 7Page - Texas Instruments ADS7820PB Datasheet HTML 8Page - Texas Instruments ADS7820PB Datasheet HTML 9Page - Texas Instruments ADS7820PB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
ADS7820
BASIC OPERATION
Figure 1 shows a basic circuit to operate the ADS7820 with
a full parallel data output. Taking R/C (pin 24) LOW for a
minimum of 40ns (5.4
µs max) will initiate a conversion.
BUSY (pin 26) will go LOW and stay LOW until the
conversion is completed and the output registers are up-
dated. Data will be output in Straight Binary with the MSB
on pin 6. BUSY going HIGH can be used to latch the data.
All convert commands will be ignored while BUSY is
LOW.
The ADS7820 will begin tracking the input signal at the end
of the conversion. Allowing 10
µs between convert com-
mands assures accurate acquisition of a new signal.
STARTING A CONVERSION
The combination of CS (pin 25) and R/C (pin 24) LOW for
a minimum of 40ns immediately puts the sample/hold of the
ADS7820 in the hold state and starts conversion ‘n’. BUSY
(pin 26) will go LOW and stay LOW until conversion ‘n’ is
completed and the internal output register has been updated.
All new convert commands during BUSY LOW will be
ignored. CS and/or R/C must go HIGH before BUSY goes
HIGH or a new conversion will be initiated without suffi-
cient time to acquire a new signal.
The ADS7820 will begin tracking the input signal at the end
of the conversion. Allowing 10
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Table I for a summary of CS, R/C, and BUSY states and
Figures 3 through 5 for timing diagrams.
CS and R/C are internally OR’d and level triggered. There
is not a requirement which input goes LOW first when
initiating a conversion. If, however, it is critical that CS or
R/C initiates conversion ‘n’, be sure the less critical input is
LOW at least 10ns prior to the initiating input.
To reduce the number of control pins, CS can be tied LOW
using R/C to control the read and convert modes. However,
the output will become active whenever R/C goes HIGH.
Refer to the Reading Data section.
FIGURE 1. Basic Operation (Byte Low).
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus is in Hi-Z state.
0
1
Initiates conversion “n”. Databus remains
in Hi-Z state.
0
1
Initiates conversion “n”. Databus enters Hi-Z
state.
01
Conversion “n” completed. Valid data from
conversion “n” on the databus.
1
1
Enables databus with valid data from
conversion “n”.
1
0
Enables databus with valid data from
conversion “n-1”(1). Conversion n in process.
0
0
Enables databus with valid data from
conversion “n-1”(1). Conversion “n” in process.
00
New conversion initiated without acquisition
of a new signal. Data will be invalid. CS and/or
R/C must be HIGH when BUSY goes HIGH.
X
X
0
New convert commands ignored. Conversion
“n” in process.
NOTE: (1) See Figures 2 and 3 for constraints on data valid from
conversion “n-1”.
Table I. Control Line Functions for “Read” and “Convert”.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7820
0 to +5V
+5V
0.1µF
10µF
+
+
2.2µF
+
+
2.2µF
Convert Pulse
40ns min
5.4µs max
B0 (LSB)
B1
B2
B3
LOW
LOW
LOW
LOW
B6
B5
B4
B7
B8
B9
B10
B11 (MSB)


Số phần tương tự - ADS7820PB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7820PB BURR-BROWN-ADS7820PB Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7820PB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com