công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7821 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS7821
Giải thích chi tiết về linh kiện  ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7821 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS7821 Datasheet HTML 1Page - Texas Instruments ADS7821 Datasheet HTML 2Page - Texas Instruments ADS7821 Datasheet HTML 3Page - Texas Instruments ADS7821 Datasheet HTML 4Page - Texas Instruments ADS7821 Datasheet HTML 5Page - Texas Instruments ADS7821 Datasheet HTML 6Page - Texas Instruments ADS7821 Datasheet HTML 7Page - Texas Instruments ADS7821 Datasheet HTML 8Page - Texas Instruments ADS7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
®
4
ADS7821
1VIN
Analog Input.
2
AGND1
Analog Ground. Used internally as ground reference point.
3
REF
Reference Input/Output. 2.2
µF tantalum capacitor to ground.
4
CAP
Reference Buffer Capacitor. 2.2
µF tantalum capacitor to ground.
5
AGND2
Analog Ground.
6
D15 (MSB)
O
Data Bit 15. Most Significant Bit (MSB) of conversion results. Hi-Z state when CS is HIGH, or when R/C is LOW.
7
D14
O
Data Bit 14. Hi-Z state when CS is HIGH, or when R/C is LOW.
8
D13
O
Data Bit 13. Hi-Z state when CS is HIGH, or when R/C is LOW.
9
D12
O
Data Bit 12. Hi-Z state when CS is HIGH, or when R/C is LOW.
10
D11
O
Data Bit 11. Hi-Z state when CS is HIGH, or when R/C is LOW.
11
D10
O
Data Bit 10. Hi-Z state when CS is HIGH, or when R/C is LOW.
12
D9
O
Data Bit 9. Hi-Z state when CS is HIGH, or when R/C is LOW.
13
D8
O
Data Bit 8. Hi-Z state when CS is HIGH, or when R/C is LOW.
14
DGND
Digital Ground.
15
D7
O
Data Bit 7. Hi-Z state when CS is HIGH, or when R/C is LOW.
16
D6
O
Data Bit 6. Hi-Z state when CS is HIGH, or when R/C is LOW.
17
D5
O
Data Bit 5. Hi-Z state when CS is HIGH, or when R/C is LOW.
18
D4
O
Data Bit 4. Hi-Z state when CS is HIGH, or when R/C is LOW.
19
D3
O
Data Bit 3. Hi-Z state when CS is HIGH, or when R/C is LOW.
20
D2
O
Data Bit 2. Hi-Z state when CS is HIGH, or when R/C is LOW.
21
D1
O
Data Bit 1. Hi-Z state when CS is HIGH, or when R/C is LOW.
22
D0 (LSB)
O
Data Bit 0. Lease Significant Bit (LSB) of conversion results. Hi-Z state when CS is HIGH, or when R/C is LOW.
23
BYTE
I
Swaps Pins 6 through 13 with Pins 15 through 22 when HIGH. See Figures 2 and 5.
24
R/C
I
With CS LOW and BUSY HIGH, a Falling Edge on R/C Initiates a New Conversion. With CS LOW, a rising edge on R/C
enables the parallel output.
25
CS
I
Internally OR’d with R/C. If R/C LOW, a falling edge on CS initiates a new conversion.
26
BUSY
O
At the start of a conversion, BUSY goes LOW and stays LOW until the conversion is completed and the digital outputs
have been updated.
27
VANA
Analog Supply Input. Nominally +5V. Decouple to ground with 0.1
µF ceramic and 10µF tantalum capacitors.
28
VDIG
Digital Supply Input. Nominally +5V. Connect directly to pin 27. Must be
≤ V
ANA.
DIGITAL
PIN #
NAME
I/O
DESCRIPTION
TABLE I. Pin Assignments.
PIN CONFIGURATION
V
DIG
V
ANA
BUSY
CS
R/C
BYTE
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
V
IN
AGND1
REF
CAP
AGND2
D15 (MSB)
D14
D13
D12
D11
D10
D9
D8
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7821


Số phần tương tự - ADS7821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821P BURR-BROWN-ADS7821P Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821PB BURR-BROWN-ADS7821PB Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821U BURR-BROWN-ADS7821U Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821UB BURR-BROWN-ADS7821UB Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com