công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7819P bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS7819P
Giải thích chi tiết về linh kiện  ANALOG-to-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7819P bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS7819P Datasheet HTML 3Page - Texas Instruments ADS7819P Datasheet HTML 4Page - Texas Instruments ADS7819P Datasheet HTML 5Page - Texas Instruments ADS7819P Datasheet HTML 6Page - Texas Instruments ADS7819P Datasheet HTML 7Page - Texas Instruments ADS7819P Datasheet HTML 8Page - Texas Instruments ADS7819P Datasheet HTML 9Page - Texas Instruments ADS7819P Datasheet HTML 10Page - Texas Instruments ADS7819P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2
®
ADS7819
7
BASIC OPERATION
Figure 1 shows a basic circuit to operate the ADS7819.
Taking R/C (pin 23) LOW for 40ns will initiate a conver-
sion. BUSY (pin 25) will go LOW and stay LOW until the
conversion is completed and the output registers are up-
dated. Data will be output in Binary Two’s Complement
with the MSB on D11 (pin 6). BUSY going HIGH can be
used to latch the data. All convert commands will be ignored
while BUSY is LOW.
FIGURE 1. Basic Operation
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus in Hi-Z state.
0
1
Initiates conversion. Databus remains in
Hi-Z state.
0
1
Initiates conversion. Databus enters Hi-Z
state.
01
Conversion completed. Valid data from the
most recent conversion on the databus.
1
1
Enables databus with valid data from the
most recent conversion.
1
0
Conversion in progress. Databus in Hi-Z
state, enabled when the conversion is completed.
0
0
Conversion in progress. Databus in Hi-Z
state, enabled when the conversion is completed.
00
Conversion completed. Valid data from the
most recent conversion in the output register
but the output pins D11-D0 are tri-stated.
X
X
0
New convert commands ignored. Conversion
in progress.
Table I. Control Line Functions for ‘read’ and ‘convert’.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7819
50
±2.5V
–5V
+5V
0.1µF
NC
10µF
+
10µF
+
0.1µF
Convert Pulse
BUSY
40ns min
D0 (LSB)
D1
D2
D3
D6
D5
D4
D7
D8
D9
D10
D11 (MSB)
0.1µF 10µF
+
The ADS7819 will begin tracking the input signal at the end
of the conversion. Allowing 1.25
µs between convert com-
mands assures accurate acquisition of a new signal.
STARTING A CONVERSION
The combination of CS (pin 24) and R/C (pin 23) LOW for
a minimum of 40ns puts the sample/hold of the ADS7819 in
the hold state and starts a conversion. BUSY (pin 25) will go
LOW and stay LOW until the conversion is completed and
the internal output register has been updated. All new
convert commands during BUSY LOW will be ignored.
The ADS7819 will begin tracking the input signal at the end
of the conversion. Allowing 1.25
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Table I for a summary of CS, R/C, and BUSY states and
Figures 2 and 3 for timing parameters.
DESCRIPTION
ANALOG VALUE
DIGITAL OUTPUT
Full Scale Range
±2.5V
Least Significant
1.22mV
Bit (LSB)
BINARY CODE
HEX CODE
+Full Scale
2.499V
0111 1111 1111
7FF
(2.5V – 1LSB)
Midscale
0V
0000 0000 0000
000
One LSB below
–1.22mV
1111 1111 1111
FFF
Midscale
–Full Scale
–2.5V
1000 0000 0000
800
BINARY TWO'S COMPLEMENT
TABLE II. Ideal Input Voltages and Output Codes.


Số phần tương tự - ADS7819P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7819P BURR-BROWN-ADS7819P Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819PB BURR-BROWN-ADS7819PB Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7819P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com