công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7815UG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7815UG4
Giải thích chi tiết về linh kiện  ANALOG-to-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7815UG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS7815UG4 Datasheet HTML 1Page - Texas Instruments ADS7815UG4 Datasheet HTML 2Page - Texas Instruments ADS7815UG4 Datasheet HTML 3Page - Texas Instruments ADS7815UG4 Datasheet HTML 4Page - Texas Instruments ADS7815UG4 Datasheet HTML 5Page - Texas Instruments ADS7815UG4 Datasheet HTML 6Page - Texas Instruments ADS7815UG4 Datasheet HTML 7Page - Texas Instruments ADS7815UG4 Datasheet HTML 8Page - Texas Instruments ADS7815UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16-Bit 250kHz Sampling CMOS
ANALOG-to-DIGITAL CONVERTER
DESCRIPTION
The ADS7815 is a complete 16-bit sampling analog-to-
digital (A/D) converter featuring excellent AC
performance and a 250kHz throughput rate. The design
includes
a
16-bit
capacitor-based
SAR
A/D
converter with an inherent sample and hold (S/H), a preci-
sion reference, and an internal clock. Spurious-free dynamic
range with a 100kHz full-scale sinewave input is typically
greater than 100dB. The
±2.5V input range allows develop-
ment of precision systems using only
±5V supplies. The
converter is available in a 28-lead SOIC package specified
for operation over the industrial –25
°C to +85°C tempera-
ture range.
ADS7815
FEATURES
q 250kHz SAMPLING RATE
q COMPLETE WITH S/H, REF, CLOCK, ETC.
q 96dB min SFDR WITH 100kHz INPUT
q 82dB min SINAD WITH 100kHz INPUT
q
±2.5V INPUT RANGE
q 28-LEAD SOIC
CDAC
Output
Latches
and
Three
State
Drivers
Comparator
Buffer
5k
REF Out/In
±2.5V Input
Successive Approximation Register and Control Logic
Clock
BUSY
CS
R/C
Internal
+2.5V Ref
Parallel
Data
Bus
APPLICATIONS
q WIRELESS BASE STATIONS
q SPECTRUM ANALYSIS
q IMAGING SYSTEMS
q DATA ACQUISITION
ADS7
815
SBAS065B – DECEMBER 1996 – DECEMBER 2006
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Số phần tương tự - ADS7815UG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7815U BURR-BROWN-ADS7815U Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7815UG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com