công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS850Y/2K bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS850Y/2K
Giải thích chi tiết về linh kiện  ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS850Y/2K bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS850Y/2K Datasheet HTML 7Page - Texas Instruments ADS850Y/2K Datasheet HTML 8Page - Texas Instruments ADS850Y/2K Datasheet HTML 9Page - Texas Instruments ADS850Y/2K Datasheet HTML 10Page - Texas Instruments ADS850Y/2K Datasheet HTML 11Page - Texas Instruments ADS850Y/2K Datasheet HTML 12Page - Texas Instruments ADS850Y/2K Datasheet HTML 13Page - Texas Instruments ADS850Y/2K Datasheet HTML 14Page - Texas Instruments ADS850Y/2K Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ADS850
SBAS154C
11
www.ti.com
V
IN
IN
IN
REFB
22
22
100pF
0.1
µF
0.1
µF
R
T
100pF
0.1
µF
REFT
ADS850
2k
2k
1:n
0.1
µF
R
G
FIGURE 3. Transformer-Coupled Input.
SINGLE-ENDED-TO-DIFFERENTIAL
CONFIGURATION (TRANSFORMER COUPLED)
In order to select the best suited interface circuit for the
ADS850, the performance requirements must be known. If
an ac-coupled input is needed for a particular application, the
next step is to determine the method of applying the signal;
either single-ended or differentially. The differential input
configuration may provide a noticeable advantage of achiev-
ing good SFDR performance based on the fact that in the
differential mode, the signal swing can be reduced to half of
the swing required for single-ended drive. Secondly, by
driving the ADS850 differentially, the even-order harmonics
will be reduced. Figure 3 shows the schematic for the
suggested transformer-coupled interface circuit. The resistor
across the secondary side (RT) should be set to get an input
impedance match (e.g., RT = n2 • RG).
REFERENCE OPERATION
Integrated into the ADS850 is a bandgap reference circuit
including logic that provides either a +1V or +2V reference
output, by simply selecting the corresponding pin-strap con-
figuration. For more design flexibility, the internal reference
can be shut off and an external reference voltage used.
Table I provides an overview of the possible reference
options and pin configurations.
INPUT
MODE
RANGE
SEL
VREF
REFB
REFT
Internal
2Vp-p
VREF
SEL
NC
NC
Internal
4Vp-p
GND
NC
NC
NC
External
2V < FSR < 4V
+VS
1V < FSR < 2V
NC
NC
External (REFB – REFT) • 2+VS
GND
1.5V < REFB < 2V
2V < REFT <3.5V
TABLE I. Selected Reference Configuration Examples.
800
800
REFB
CM
Reference
Driver
Bandgap
and Logic
REFT
V
REF
SEL
1V
DC
Resistor Network
and Switches
Disable
Switch
to ADC
to ADC
ADS850
FIGURE 4. Equivalent Reference Circuit.
A simple model of the internal reference circuit is shown in
Figure 4. The internal blocks are a 1V bandgap voltage
reference, buffer, the resistive reference ladder, and the
drivers for the top and bottom reference which supply the
necessary current to the internal nodes. As shown, the
output of the buffer appears at the VREF pin. The full-scale
input span of the ADS850 is determined by the voltage at
VREF, according to Equation 1:
Full-Scale Input Span = 2 • VREF
(1)
Note that the current drive capability of this amplifier is limited
to about 1mA and should not be used to drive low loads. The
programmable reference circuit is controlled by the voltage
applied to the select pin (SEL). Refer to Table I for an
overview.


Số phần tương tự - ADS850Y/2K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS850Y/2K TI-ADS850Y/2K Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS850Y/2K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com